Electronic Components Datasheet Search |
|
HI5960IA-T Datasheet(PDF) 11 Page - Intersil Corporation |
|
HI5960IA-T Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 12 page 11 HI5960 Small Outline Plastic Packages (SOIC) α NOTES: 1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension “E” does not include interlead flash or protrusions. In- terlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. “L” is the length of terminal for soldering to a substrate. 7. “N” is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimen- sions are not necessarily exact. INDEX AREA E D N 12 3 -B- 0.25(0.010) C A M BS e -A- L B M -C- A1 A SEATING PLANE 0.10(0.004) h x 45o C H 0.25(0.010) B M M M28.3 (JEDEC MS-013-AE ISSUE C) 28 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A 0.0926 0.1043 2.35 2.65 - A1 0.0040 0.0118 0.10 0.30 - B 0.013 0.0200 0.33 0.51 9 C 0.0091 0.0125 0.23 0.32 - D 0.6969 0.7125 17.70 18.10 3 E 0.2914 0.2992 7.40 7.60 4 e 0.05 BSC 1.27 BSC - H 0.394 0.419 10.00 10.65 - h 0.01 0.029 0.25 0.75 5 L 0.016 0.050 0.40 1.27 6 N28 28 7 α 0o 8o 0o 8o - Rev. 0 12/93 |
Similar Part No. - HI5960IA-T |
|
Similar Description - HI5960IA-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |