Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28SG-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M28SG-X-AE3-R
Description  AUDIO OUTPUT DRIVER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M28SG-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M28SG-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies M28SG-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies M28SG-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M28S
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-015.E
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
1.25
A
Base Current
IB
0.4
A
Power Dissipation (TA=25°C)
PD
850
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Voltage
VCBO
IC=0.1mA
40
V
Collector-Emitter Voltage
VCEO
IC=1mA
20
V
Emitter-Base Voltage
VEBO
IE=0.1mA
6
V
Collector Cutoff Current
ICBO
VCB=35V, IE=0
100
nA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
100
nA
ON CHARACTERISTICS
hFE1
VCE=1V, IC=1mA
290
hFE2
VCE=1V, IC=0.1A
300
1000
hFE3
VCE=1V, IC=0.3A
300
DC Current Gain (Note)
hFE4
VCE=1V, IC=0.5A
300
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=600mA, IB=20mA
0.55
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
VCE=10V, IC=50mA, f=1MHz
100
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1MHz
9
pF
CLASSIFICATION OF hFE2
RANK
B
C
D
RANGE
300-550
500-700
650-1000


Similar Part No. - M28SG-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28SG-X-AE3-R UTC-M28SG-X-AE3-R Datasheet
109Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
More results

Similar Description - M28SG-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S_11 Datasheet
109Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
M28S UTC-M28S Datasheet
86Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
logo
STMicroelectronics
BC139 STMICROELECTRONICS-BC139 Datasheet
116Kb / 3P
   AUDIO OUTPUT AMPLIFIER
logo
NTE Electronics
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Output Driver
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
NTE Electronics
NTE373 NTE-NTE373 Datasheet
17Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com