Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1851ZA Datasheet(PDF) 6 Page - Gennum Corporation

Part # 1851ZA
Description  Low ESD clamping voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

1851ZA Datasheet(HTML) 6 Page - Gennum Corporation

  1851ZA Datasheet HTML 1Page - Gennum Corporation 1851ZA Datasheet HTML 2Page - Gennum Corporation 1851ZA Datasheet HTML 3Page - Gennum Corporation 1851ZA Datasheet HTML 4Page - Gennum Corporation 1851ZA Datasheet HTML 5Page - Gennum Corporation 1851ZA Datasheet HTML 6Page - Gennum Corporation 1851ZA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2015 Semtech Corporation.
www.semtech.com
RClamp1851ZA
PROTECTION PRODUCTS
Outline Drawing - SLP0603P2X3F
Land Pattern - SLP0603P2X3F
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
aaa
N
E
L
e
DIM
A
0.180
0.320
0.140
0.280
0.08
2
0.160
0.300
0.355 BSC
MILLIMETERS
MAX
0.240
0.265
DIMENSIONS
MIN
0.200
NOM
0.235
0.220
0.250
BOTTOM VIEW
b
D
0.580
0.620
0.600
bbb
0.10
D
E
A
B
aaa C
C
A
SEATING
PLANE
e
bbb
C AB
TOP VIEW
A1 0.000 0.010 0.050
bxN
A1
e/2
2X L
R0.025
TYP
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
DIM
Y
G
MILLIMETERS
0.671
0.247
0.177
DIMENSIONS
Z
X
0.272
X
Y
Z
G


Similar Part No. - 1851ZA

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1851 ALPHAWIRE-1851 Datasheet
69Kb / 2P
   Customer Specification
logo
Heyco.
1851 HEYCO-1851 Datasheet
141Kb / 1P
   Aluminum Solderless Connectors
logo
PHOENIX CONTACT
1851009 PHOENIX-1851009 Datasheet
127Kb / 6P
   Printed-circuit board connector - FRONT-MC 1,5/17-STF-3,81
1851012 PHOENIX-1851012 Datasheet
97Kb / 7P
   Printed-circuit board connector - FRONT-MC 1,5/18-STF-3,81
1851025 PHOENIX-1851025 Datasheet
84Kb / 5P
   Printed-circuit board connector - FRONT-MC 1,5/19-STF-3,81
More results

Similar Description - 1851ZA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
8052P GENNUM-8052P Datasheet
958Kb / 9P
   Low ESD Clamping Voltage
3381P GENNUM-3381P Datasheet
522Kb / 5P
   Low ESD clamping voltage
3321P GENNUM-3321P Datasheet
778Kb / 8P
   Low ESD clamping voltage
3346P GENNUM-3346P Datasheet
283Kb / 9P
   Low ESD clamping voltage
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
logo
Micro Commercial Compon...
ESDLC3V3D3B MCC-ESDLC3V3D3B_13 Datasheet
223Kb / 3P
   3.3V-12Volts ESD Protection Device Low clamping voltage
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
logo
ON Semiconductor
NSPU5201 ONSEMI-NSPU5201 Datasheet
180Kb / 6P
   ESD and Surge Protection Diode Low Clamping Voltage
March, 2021 ??Rev. 2
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5_09 Datasheet
159Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com