Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7190IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI7190IB
Description  24-Bit, High Precision, Sigma Delta A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7190IB Datasheet(HTML) 5 Page - Intersil Corporation

  HI7190IB Datasheet HTML 1Page - Intersil Corporation HI7190IB Datasheet HTML 2Page - Intersil Corporation HI7190IB Datasheet HTML 3Page - Intersil Corporation HI7190IB Datasheet HTML 4Page - Intersil Corporation HI7190IB Datasheet HTML 5Page - Intersil Corporation HI7190IB Datasheet HTML 6Page - Intersil Corporation HI7190IB Datasheet HTML 7Page - Intersil Corporation HI7190IB Datasheet HTML 8Page - Intersil Corporation HI7190IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
FN3612.10
June 27, 2006
Input Capacitance, CIN
VIN = 0V
-
5.0
-
pF
DIGITAL OUTPUTS
Output Logic High Voltage, VOH
IOUT = -100μA (Note 7)
2.4
-
-
V
Output Logic Low Voltage, VOL
IOUT = 3mA (Note 7)
-
-
0.4
V
Output Three-State Leakage Current,
IOZ
VOUT = 0V, +5V (Note 7)
-10
1
10
μA
Digital Output Capacitance, COUT
-10
-
pF
TIMING CHARACTERISTICS
SCLK Minimum Cycle Time, tSCLK
200
-
-
ns
SCLK Minimum Pulse Width, tSCLKPW
50
-
-
ns
CS to SCLK Precharge Time, tPRE
50
-
-
ns
DRDY Minimum High Pulse Width
(Notes 2, 7)
500
-
-
ns
Data Setup to SCLK Rising Edge (Write),
tDSU
50
-
-
ns
Data Hold from SCLK Rising Edge
(Write), tDHLD
0-
-
ns
Data Read Access from Instruction Byte
Write, tACC
(Note 7)
-
-
40
ns
Read Bit Valid from SCLK Falling Edge,
tDV
(Note 7)
-
-
40
ns
Last Data Transfer to Data Ready
Inactive, tDRDY
(Note 7)
-
35
-
ns
RESET Low Pulse Width
(Note 2)
100
-
-
ns
SYNC Low Pulse Width
(Note 2)
100
-
-
ns
Oscillator Clock Frequency
(Note 2)
0.1
-
10
MHz
Output Rise/Fall Time
(Note 2)
-
-
30
ns
Input Rise/Fall Time
(Note 2)
-
-
1
μs
POWER SUPPLY CHARACTERISTICS
IAVDD
--
1.5
mA
IAVSS
--
2.0
mA
IDVDD
SCLK = 4MHz
-
-
3.0
mA
Power Dissipation, Active PDA
SB = ‘0’
-
15
32.5
mW
Power Dissipation, Standby PDS
SB = ‘1’
-
5
-
mW
PSRR
(Note 3)
-
-70
-
dB
NOTES:
2. Parameter guaranteed by design or characterization, not production tested.
3. Applies to both bipolar and unipolar input ranges.
4. These errors can be removed by re-calibrating at the desired operating temperature.
5. Applies after system calibration.
6. Fully differential input signal source is used.
7. See Load Test Circuit, Figure 4, R1 = 10k
Ω, C
L = 50pF.
8. 1 LSB = 298nV at 24 bits for a Full Scale Range of 5V.
9. VREF = VRHI - VRLO.
10. These errors are on the order of the output noise shown in Table 1.
11. All inputs except OSC1. The OSC1 input VIH is 3.5V minimum.
Electrical Specifications
AVDD = +5V, AVSS = -5V, DVDD = +5V, VRHI = +2.5V, VRLO = AGND = 0V, VCM = AGND,
PGIA Gain = 1, OSCIN = 10MHz, Bipolar Input Range Selected, fN = 10Hz (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI7190


Similar Part No. - HI7190IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190IB INTERSIL-HI7190IB Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190IB INTERSIL-HI7190IB Datasheet
471Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190IB RENESAS-HI7190IB Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7190IBZ INTERSIL-HI7190IBZ Datasheet
471Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190IBZ RENESAS-HI7190IBZ Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
More results

Similar Description - HI7190IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7191 INTERSIL-HI7191_06 Datasheet
623Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7191 RENESAS-HI7191 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
   24-Bit Delta Sigma A/D MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com