Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7126CPLZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7126CPLZ
Description  3 1/2 Digit, Low Power, Single Chip A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7126CPLZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7126CPLZ Datasheet HTML 4Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 5Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 6Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 7Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 8Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 9Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 10Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 11Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN3084.5
TEST
The TEST pin serves two functions. It is coupled to the
internally generated digital supply through a 500
Ω resistor.
Thus it can be used as the negative supply for externally
generated segment drivers such as decimal points or any
other presentation the user may want to include on the LCD
display. Figures 6 and 7 show such an application. No more
than a 1mA load should be applied.
The second function is a “lamp test”. When TEST is pulled
high (to V+) all segments will be turned on and the display
should read “-1888”. The TEST pin will sink about 10mA
under these conditions.
CAUTION: In the lamp test mode, the segments have a constant DC volt-
age (no square-wave) and may burn the LCD display if left in this mode for
several minutes.
Digital Section
Figure 8 shows the digital section for the ICL7126. An internal
digital ground is generated from a 6V Zener diode and a large
P-Channel source follower. This supply is made stiff to absorb
the relative large capacitive currents when the back plane (BP)
voltage is switched. The BP frequency is the clock frequency
divided by 800. For three readings/second this is a 60Hz
square wave with a nominal amplitude of 5V. The segments are
driven at the same frequency and amplitude and are in phase
with BP when OFF, but out of phase when ON. In all cases
negligible DC voltage exists across the segments. The polarity
indication is “ON” for negative analog inputs. If IN LO and IN HI
are reversed, this indication can be reversed also, if desired.
System Timing
Figure 9 shows the clocking arrangement used in the
ICL7126. Two basic clocking arrangements can be used:
Figure 9A, an external oscillator connected to pin 40.
Figure 9B, an R-C oscillator using all three pins.
The oscillator frequency is divided by four before it clocks the
decade counters. It is then further divided to form the three
convert-cycle phases. These are signal integrate (1000 counts),
reference de-integrate (0 to 2000 counts) and auto-zero (1000
to 3000 counts). For signals less than full-scale, auto-zero gets
the unused portion of reference de-integrate. This makes a
complete measure cycle of 4,000 counts (16,000 clock pulses)
independent of input voltage. For three readings/second, an
oscillator frequency of 48kHz would be used.
To achieve maximum rejection of 60Hz pickup, the signal
integrate cycle should be a multiple of 60Hz. Oscillator
frequencies of 60kHz, 48kHz, 40kHz, 331/3kHz, etc. should
be selected. For 50Hz rejection, oscillator frequencies of
662/3kHz, 50kHz, 40kHz, etc. would be suitable. Note that
40kHz (2.5 readings/sec.) will reject both 50Hz and 60Hz
(also 400Hz and 440Hz).
ICL7126
V+
BP
TEST
21
37
TO LCD
BACKPLANE
TO LCD
DECIMAL
POINT
1M
ICL7126
V+
BP
TEST
DECIMAL
POINT
SELECT
CD4030
GND
V+
TO LCD
DECIMAL
POINTS
V+ = DP ON
GND = DP OFF
FIGURE 7. EXCLUSIVE ‘OR’ GATE FOR
DECIMAL POINT DRIVE
ICL7126
FIGURE 6. SIMPLE INVERTER FOR FIXED
DECIMAL POINT


Similar Part No. - ICL7126CPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126CPLZ INTERSIL-ICL7126CPLZ Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126CPLZ RENESAS-ICL7126CPLZ Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
More results

Similar Description - ICL7126CPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com