Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7135CPIZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7135CPIZ
Description  41/2 Digit, BCD Output, A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7135CPIZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7135CPIZ Datasheet HTML 2Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 3Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 4Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 5Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 6Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 7Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 8Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 9Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN3093.4
Digital Section
Figure 5 shows the Digital Section of the ICL7135. The
ICL7135 includes several pins which allow it to operate
conveniently in more sophisticated systems. These include:
Run/HOLD (Pin 25)
When high (or open) the A/D will free-run with equally
spaced measurement cycles every 40,002 clock pulses. If
taken low, the converter will continue the full measurement
cycle that it is doing and then hold this reading as long as
R/H is held low. A short positive pulse (greater than 300ns)
will now initiate a new measurement cycle, beginning with
between 1 and 10,001 counts of auto zero. If the pulse
occurs before the full measurement cycle (40,002 counts) is
completed, it will not be recognized and the converter will
simply complete the measurement it is doing. An external
indication that a full measurement cycle has been completed
is that the first strobe pulse (see below) will occur 101 counts
after the end of this cycle. Thus, if Run/HOLD is low and has
been low for at least 101 counts, the converter is holding and
ready to start a new measurement when pulsed high.
STROBE (Pin 26)
This is a negative going output pulse that aids in transferring
the BCD data to external latches, UARTs, or
microprocessors. There are 5 negative going STROBE
pulses that occur in the center of each of the digit drive
pulses and occur once and only once for each measurement
cycle starting 101 clock pulses after the end of the full
measurement cycle. Digit 5 (MSD) goes high at the end of
the measurement cycle and stays on for 201 counts. In the
center of this digit pulse (to avoid race conditions between
changing BCD and digit drives) the first STROBE pulse goes
negative for 1/2 clock pulse width. Similarly, after digit 5, digit
4 goes high (for 200 clock pulses) and 100 pulses later the
STROBE goes negative for the second time. This continues
through digit 1 (LSD) when the fifth and last STROBE pulse
is sent. The digit drive will continue to scan (unless the
previous signal was overrange) but no additional STROBE
pulses will be sent until a new measurement is available.
BUSY (Pin 21)
BUSY goes high at the beginning of signal integrate and
stays high until the first clock pulse after zero crossing (or
after end of measurement in the case of an overrange). The
internal latches are enabled (i.e., loaded) during the first
clock pulse after busy and are latched at the end of this clock
pulse. The circuit automatically reverts to auto-zero when
not BUSY, so it may also be considered a (Zl + AZ) signal. A
very simple means for transmitting the data down a single
wire pair from a remote location would be to AND BUSY with
clock and subtract 10,001 counts from the number of pulses
received - as mentioned previously there is one “NO-count”
pulse in each reference integrate cycle.
OVERRANGE (Pin 27)
This pin goes positive when the input signal exceeds the
range (20,000) of the converter. The output F/F is set at the
end of BUSY and is reset to zero at the beginning of
reference integrate in the next measurement cycle.
UNDERRANGE (Pin 28)
This pin goes positive when the reading is 9% of range or
less. The output F/F is set at the end of BUSY (if the new
reading is 1800 or less) and is reset at the beginning of
signal integrate of the next reading.
POLARlTY (Pin 23)
This pin is positive for a positive input signal. It is valid even
for a zero reading. In other words, +0000 means the signal is
positive but less than the least significant bit. The converter
can be used as a null detector by forcing equal frequency of
(+) and (-) readings. The null at this point should be less than
0.1 LSB. This output becomes valid at the beginning of
reference integrate and remains correct until it is revalidated
for the next measurement.
V + POLARITY
DIGITAL
CLOCK
RUN/
BUSY
OVER
STROBE
UNDER
MULTIPLEXER
ANALOG
GND
IN
HOLD
RANGE RANGE
SECTION
MSB
LSB
CONTROL LOGIC
COUNTERS
ZERO
CROSS.
DET.
POLARITY
FF
LATCH
LATCH
LATCH
LATCH
LATCH
11
23
12
17
18
19
20
24
22
27
25
28
26
21
13
14
15
16
D1
D2
D3
D4
B1
B2
B4
B8
D5
FIGURE 5. DIGITAL SECTION OF THE ICL7135
ICL7135


Similar Part No. - ICL7135CPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7135CPIZ INTERSIL-ICL7135CPIZ Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
ICL7135CPIZ INTERSIL-ICL7135CPIZ Datasheet
512Kb / 15P
   4쩍 Digit, BCD Output, A/D Converter
logo
Renesas Technology Corp
ICL7135CPIZ RENESAS-ICL7135CPIZ Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
More results

Similar Description - ICL7135CPIZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
ICL7135 INTERSIL-ICL7135_07 Datasheet
512Kb / 15P
   4쩍 Digit, BCD Output, A/D Converter
ICL7129 INTERSIL-ICL7129 Datasheet
103Kb / 11P
   41/2 Digit LCD, Single-Chip A/D Converter
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com