Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29750-3.3BWT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC29750-3.3BWT
Description  High-Current Low-Dropout Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29750-3.3BWT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC29750-3.3BWT Datasheet HTML 6Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 7Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 8Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 9Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 10Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 11Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 12Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 13Page - Micrel Semiconductor MIC29750-3.3BWT Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MIC29150/29300/29500/29750
Micrel
MIC29150/29300/29500/29750
10
March 2000
Typical Characteristics MIC2950x
0
50
100
150
200
250
300
350
400
450
012
345
OUTPUT CURRENT (A)
MIC2950x Dropout Voltage
vs. Output Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Dropout Voltage
vs. Temperature
I
LOAD = 5A
0.0
1.0
2.0
3.0
4.0
5.0
02
46
INPUT VOLTAGE (V)
MIC29500-3.3
Dropout Characteristics
I
LOAD = 5A
I
LOAD = 10mA
0
10
20
30
40
50
60
70
80
01
234
56
OUTPUT CURRENT (A)
MIC2950x Ground Current
vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
024
68
10
SUPPLY VOLTAGE (V)
MIC2950x Ground Current
vs. Supply Voltage
FIXED 3.3V VERSIONS
R
LOAD = 100Ω
0
25
50
75
100
125
012
3
45
SUPPLY VOLTAGE (V)
MIC2950x Ground Current
vs. Supply Voltage
FIXED 3.3V
VERSION
I
LOAD = 5A
0.0
0.1
0.2
0.3
0.4
0.5
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Ground Current
vs. Temperature
I
OUT = 10mA
0
1
2
3
4
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Ground Current
vs. Temperature
I
OUT = 500mA
0
25
50
75
100
125
150
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Ground Current
vs. Temperature
I
OUT = 5A
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29500-3.3 Output Voltage
vs. Temperature
3 DEVICES
0
1
2
3
4
5
6
7
8
9
10
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x-5.0 Short Circuit
Current vs. Temperature
V
OUT = 0V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-30
-20
-10
0
10
20
30
INPUT VOLTAGE (V)
MIC2950x Ground Current
vs. Input Voltage
R
LOAD = 100Ω


Similar Part No. - MIC29750-3.3BWT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29750-3.3BWT MICREL-MIC29750-3.3BWT Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29750-3.3BWT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com