Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29751-3.3BWT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC29751-3.3BWT
Description  High-Current Low-Dropout Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29751-3.3BWT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC29751-3.3BWT Datasheet HTML 4Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 5Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 6Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 7Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 8Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 9Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 10Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 11Page - Micrel Semiconductor MIC29751-3.3BWT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MIC29150/29300/29500/29750
Micrel
MIC29150/29300/29500/29750
8
March 2000
Typical Characteristics MIC2930x
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
01
23
OUTPUT CURRENT (A)
MIC2930x Dropout Voltage
vs. Output Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2930x Dropout Voltage
vs. Temperature
I
LOAD = 3A
0.0
1.0
2.0
3.0
4.0
5.0
02
46
INPUT VOLTAGE (V)
MIC29300-3.3
Dropout Characteristics
I
LOAD = 3A
I
LOAD = 10mA
0
10
20
30
40
50
01
23
OUTPUT CURRENT (A)
MIC2930x Ground Current
vs. Output Current
0.0
0.5
1.0
1.5
2.0
024
68
10
SUPPLY VOLTAGE (V)
MIC2930x Ground Current
vs. Supply Voltage
FIXED 3.3V DEVICE
R
LOAD = 100Ω
0
25
50
75
100
125
024
6
8
10
SUPPLY VOLTAGE (V)
MIC2930x Ground Current
vs. Supply Voltage
FIXED 3.3V
I
OUT = 3A
0.0
0.1
0.2
0.3
0.4
0.5
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2930x Ground Current
vs. Temperature
I
OUT = 10mA
0.0
0.5
1.0
1.5
2.0
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2930x Ground Current
vs. Temperature
I
OUT = 250mA
0
10
20
30
40
50
60
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2930x Ground Current
vs. Temperature
I
OUT = 3A
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29300-3.3 Output Voltage
vs. Temperature
3 DEVICES
0
1
2
3
4
5
6
7
8
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29300-5.0 Short Circuit
Current vs. Temperature
V
OUT = 0V
-0.5
0.0
0.5
1.0
1.5
2.0
-30
-20
-10
0
10
20
30
INPUT VOLTAGE (V)
MIC2930x Ground Current
vs. Input Voltage
R
LOAD = 100Ω


Similar Part No. - MIC29751-3.3BWT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29751-3.3BWT MICREL-MIC29751-3.3BWT Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29751-3.3BWT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com