Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5219 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5219
Description  500mA-Peak Output LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5219 Datasheet HTML 1Page - Micrel Semiconductor MIC5219 Datasheet HTML 2Page - Micrel Semiconductor MIC5219 Datasheet HTML 3Page - Micrel Semiconductor MIC5219 Datasheet HTML 4Page - Micrel Semiconductor MIC5219 Datasheet HTML 5Page - Micrel Semiconductor MIC5219 Datasheet HTML 6Page - Micrel Semiconductor MIC5219 Datasheet HTML 7Page - Micrel Semiconductor MIC5219 Datasheet HTML 8Page - Micrel Semiconductor MIC5219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5219
Micrel
MIC5219
2
July 2000
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
OUT
BYP
MIC5219-x.xBMM
MM8™ MSOP-8
Fixed Voltages
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
OUT
ADJ
MIC5219BMM
MM8™ MSOP-8
Adjustable Voltage
Pin Description
Pin No.
Pin No.
Pin Name
Pin Function
MSOP-8
SOT-23-5
2
1
IN
Supply Input
5–8
2
GND
Ground: MSOP-8 pins 5 through 8 are internally connected.
3
5
OUT
Regulator Output
1
3
EN
Enable (Input): CMOS compatible control input. Logic high = enable; logic
low or open = shutdown.
4 (fixed)
4 (fixed)
BYP
Reference Bypass: Connect external 470pF capacitor to GND to reduce
output noise. May be left open.
4 (adj.)
4 (adj.)
ADJ
Adjust (Input): Feedback input. Connect to resistive voltage-divider network.
IN
OUT
BYP
EN
LGxx
1
3
45
2
GND
MIC5219-x.xBM5
SOT-23-5
Fixed Voltages
Part
Identification
IN
OUT
ADJ
EN
LGAA
1
3
45
2
GND
MIC5219BM5
SOT-23-5
Adjustable Voltage
Pin Configuration
Ordering Information
Part Number
Marking
Volts
Junction Temp. Range
Package
MIC5219-3.0BMM
3.0V
–40
°C to +125°C
MSOP-8
MIC5219-3.3BMM
3.3V
–40
°C to +125°C
MSOP-8
MIC5219-3.6BMM
3.6V
–40
°C to +125°C
MSOP-8
MIC5219-5.0BMM
5.0V
–40
°C to +125°C
MSOP-8
MIC5219BMM
Adj.
–40
°C to +125°C
MSOP-8
MIC5219-2.6BM5
LG26
2.6V
–40
°C to +125°C
SOT-23-5
MIC5219-2.7BM5
LG27
2.7V
–40
°C to +125°C
SOT-23-5
MIC5219-2.8BM5
LG28
2.8V
–40
°C to +125°C
SOT-23-5
MIC5219-2.9BM5
LG29
2.9V
–40
°C to +125°C
SOT-23-5
MIC5219-3.0BM5
LG30
3.0V
–40
°C to +125°C
SOT-23-5
MIC5219-3.3BM5
LG33
3.3V
–40
°C to +125°C
SOT-23-5
MIC5219-3.6BM5
LG36
3.6V
–40
°C to +125°C
SOT-23-5
MIC5219-5.0BM5
LG50
5.0V
–40
°C to +125°C
SOT-23-5
MIC5219BM5
LGAA
Adj.
–40
°C to +125°C
SOT-23-5
Other voltages available. Consult Micrel for details.


Similar Part No. - MIC5219

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5219-2.5BM5 MICREL-MIC5219-2.5BM5 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5219-2.5BM5 MICREL-MIC5219-2.5BM5 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219-2.5BMM MICREL-MIC5219-2.5BMM Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219-2.5YM5 MICREL-MIC5219-2.5YM5 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com