Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5231-3.3BM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5231-3.3BM5
Description  Micropower 關Cap LDO Regulator Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5231-3.3BM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5231-3.3BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
June 2000
3
MIC5231
MIC5231
Micrel
Electrical Characteristics
V
IN = VOUT + 1V; IL = 100µA; CL = 0.47µF; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
variation from nominal V
OUT
–2+2
%
–3
+3
%
∆V
OUT/∆T
Output Voltage
Note 5
250
ppm/
°C
Temperature Coefficient
∆V
OUT/VOUT
Line Regulation
V
IN = 6V to 12V
0.2
0.25
%
∆V
OUT/VOUT
Load Regulation
I
L = 10µA to 10mA, Note 6
0.2
1
%
V
DO
Dropout Voltage, Note 7
I
L = 1mA
15
mV
I
L = 10mA
150
300
mV
I
Q
Ground Pin Current
V
IN = 6V, IL = 10mA
0.65
3
µA
V
IN = 12V, IL = 10mA
1.1
4
µA
PSRR
Ripple Rejection
f = 100Hz, I
L = 100µA50
dB
Enable Input
V
ENL
Enable Input Voltage
V
EN = logic low (regulator off)
0.4
0.18
V
V
EN = logic high ((regulator on)
1.4
V
I
ENL
Enable Input Current
V
ENL ≤ 0.18V (regulator off)
1
nA
I
ENH
Enable Input Current
V
ENH ≥ 1.4V (regulator on)
1
nA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4:
The maximum allowable power dissipation at any T
A (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. The θJC of the MIC5231 is
130
°C/W. Mounted to a standard PC board, the θ
JA is approximately 235°C/W.
Note 5:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6:
Regulation is measured at constant junction temperature using low duty cycle pulse testing.
Note 7:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 3.5V, dropout voltage is the input-to-output differential with the minimum input voltage 3.5V. Minimum input
operating voltage is 3.5V.


Similar Part No. - MIC5231-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231-3.3BM5 MICREL-MIC5231-3.3BM5 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
More results

Similar Description - MIC5231-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com