Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22316UFRT10Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL22316UFRT10Z
Description  Low Noise, Low Power I2C??Bus,128 Taps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22316UFRT10Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL22316UFRT10Z Datasheet HTML 1Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 2Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 3Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 4Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 5Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 6Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 7Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 8Page - Intersil Corporation ISL22316UFRT10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6186.3
August 14, 2015
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
Voltage at any DCP Pin with
Respect to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 1) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5kV
Charge Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1kV
Thermal Resistance (Typical)
JA (°C/W) JC(°C/W)
10 Lead MSOP (Note 2). . . . . . . . . . . .
162
N/A
10 Lead TDFN (Notes 3, 4) . . . . . . . . .
74
7
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . .-40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . .5mW
Wiper Current of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -1V for all pins.
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Analog Specifications
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 5)
MAX
(Note 19)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
U option
50
k
RH to RL Resistance Tolerance
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 18)
U option
±80
ppm/°C
(Note 18)
RW
Wiper Resistance
VCC = 3.3V, wiper current = VCC/RTOTAL
70
200
VRH, VRL
VRH and VRL Terminal Voltages
VRH and VRL to GND
0
VCC
V
CH/CL/CW
(Note 18)
Potentiometer Capacitance
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded)
INL
(Note 10)
Integral Non-linearity
Monotonic over all tap positions, W and U
option
-1
1
LSB
(Note 6)
DNL
(Note 9)
Differential Non-linearity
Monotonic over all tap positions, W and U
option
-0.5
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-scale Error
W option
0
1
5
LSB
(Note 6)
U option
0
0.5
2
FSerror
(Note 8)
Full-scale Error
W option
-5
-1
0
LSB
(Note 6)
U option
-2
-1
0
TCV
(Notes 11, 18)
Ratiometric Temperature Coefficient
DCP register set to 40 hex for W and U
option
±4
ppm/°C
ISL22316


Similar Part No. - ISL22316UFRT10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316UFRT10Z INTERSIL-ISL22316UFRT10Z Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22316UFRT10Z RENESAS-ISL22316UFRT10Z Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Similar Description - ISL22316UFRT10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com