Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5236-3.0BMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5236-3.0BMM
Description  Low Quiescent Current 關Cap LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-3.0BMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5236-3.0BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 11Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
November 2000
11
MIC5236
MIC5236
Micrel
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50
°C and the power dissipation is as above,
632mW, the curve in Figure 7 shows that the required area of
copper is 25mm2.
The
θ
JA of this package is ideally 63°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 7. Copper Area vs. Power-SOP
Power Dissipation (T
A)
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
Figure 8. Copper Area vs. Power-MSOP
Power Dissipation
(∆T
JA)
The same method of determining the heat sink area used for
the power-SOP-8 can be applied directly to the power-
MSOP-8. The same two curves showing power dissipation
versus copper area are reproduced for the power-MSOP-8
and they can be applied identically, see Figures 8 and 9.
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 9. Copper Area vs. Power-MSOP
Power Dissipation (T
A)
Power MSOP-8 Thermal Characteristics
The power-MSOP-8 package follows the same idea as the
power-SO-8 package, using four ground leads with the die
attach paddle to create a single-piece electrical and thermal
conductor, reducing thermal resistance and increasing power
dissipation capability.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 9, which shows safe
operating curves for three different ambient temperatures,
25
°C, 50°C, and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50
°C, and the power dissipation is 639mW,
the curve in Figure 9 shows that the required area of copper
is 110mm2,when using the power MSOP-8.


Similar Part No. - MIC5236-3.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-3.0BMM MICREL-MIC5236-3.0BMM Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
More results

Similar Description - MIC5236-3.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com