Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5245-2.85BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5245-2.85BM5
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5245-2.85BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5245-2.85BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5245
Micrel
June 2000
1
MIC5245
General Description
The MIC5245 is an efficient, precise CMOS voltage regulator
optimized for ultra-low-noise applications. The MIC5245 of-
fers better than 1% initial accuracy, extremely low dropout
voltage (typically 150mV at 150mA) and constant ground
current over load (typically 100
µA). The MIC5245 provides a
very low noise output, ideal for RF applications where quiet
voltage sources are required. A noise bypass pin is also
available for further reduction of output noise.
Designed specifically for hand-held and battery-powered
devices, the MIC5245 provides a TTL logic compatible en-
able pin. When disabled, power consumption drops nearly to
zero.
The MIC5245 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in hand-held wireless devices.
Key features include current limit, thermal shutdown, a push-
pull output for faster transient response, and an active clamp
to speed up device turnoff. Available in the IttyBitty™ SOT-23-5
and power MSO-8 packages, the MIC5245 also offers a
range of fixed output voltages.
Typical Application
15
2
3
4
COUT
CBYP
Enable
Shutdown
EN
VOUT
(optional)
MIC5245-x.xBM5
EN (pin 3) may be
connected directly
o IN (pin 1).
VIN
MIC5245
150mA
µCap CMOS LDO Regulator
Preliminary Information
Features
• Ultralow dropout—100mV @ 100mA
• Ultralow noise—30
µV(rms)
• Stability with tantalum or ceramic capacitors
• Load independent, ultralow ground current
• 150mA output current
• Current limiting
• Thermal Shutdown
• Tight load and line regulation
•“Zero” off-mode current
• Fast transient response
• TTL-Logic-controlled enable input
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• PCMCIA V
CC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range
Package
MIC5245-2.5BM5
LS25
2.5V
–40
°C to +125°C
SOT-23-5
MIC5245-2.7BM5
LS27
2.7V
–40
°C to +125°C
SOT-23-5
MIC5245-2.8BM5
LS28
2.8V
–40
°C to +125°C
SOT-23-5
MIC5245-2.85BM5
LS2J
2.85V
–40
°C to +125°C
SOT-23-5
MIC5245-3.0BM5
LS30
3.0V
–40
°C to +125°C
SOT-23-5
MIC5245-3.1BM5
LS31
3.1V
–40
°C to +125°C
SOT-23-5
MIC5245-3.3BM5
LS33
3.3V
–40
°C to +125°C
SOT-23-5
MIC5245-3.3BMM
3.3V
–40
°C to +125°C
MSOP-8
Other voltages available. Contact Micrel for details.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
1
2
3
4
8
7
6
5
MIC5245-3.3MM
ENABLE
SHUTDOWN
CBYP
(OPTIONAL)
VIN
VOUT
COUT
Ultra-Low-Noise Regulator Application


Similar Part No. - MIC5245-2.85BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245-2.85BM5 MICREL-MIC5245-2.85BM5 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results

Similar Description - MIC5245-2.85BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com