Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23328UFRUZ-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL23328UFRUZ-T7A
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23328UFRUZ-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL23328UFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL23328UFRUZ-T7A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL23328
10
FN7902.1
September 29, 2015
Typical Performance Curves
FIGURE 3. 10kΩ DNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 4. 50kΩ DNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 5. 10kΩ INL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 6. 50kΩ INL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 7. 10kΩ RDNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 8. 50kΩ RDNL vs TAP POSITION, VCC = 3.3V, +25°C
-0.20
-0.10
0.00
0.10
0.20
0
326496
128
TAP POSITION (DECIMAL)
-0.04
-0.02
0.00
0.02
0.04
032
64
96
128
TAP POSITION (DECIMAL)
-0.30
-0.15
0.00
0.15
0.30
0
326496
128
TAP POSITION (DECIMAL)
0.00
0.03
0.06
0.09
0.12
032
64
96
128
TAP POSITION (DECIMAL)
-0.20
-0.10
0.00
0.10
0.20
0
326496
128
TAP POSITION (DECIMAL)
-0.04
-0.02
0.00
0.02
0.04
0
32
64
96
128
TAP POSITION (DECIMAL)


Similar Part No. - ISL23328UFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23328UFRUZ-T7A INTERSIL-ISL23328UFRUZ-T7A Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23328UFRUZ-T7A RENESAS-ISL23328UFRUZ-T7A Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23328UFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com