Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5236-2.5BM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5236-2.5BM
Description  Low Quiescent Current 關Cap LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-2.5BM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5236-2.5BM Datasheet HTML 1Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 2Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 3Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2000
1
MIC5236
MIC5236
Micrel
MIC5236
Low Quiescent Current
µCap LDO Regulator
Preliminary Information
General Description
The MIC5236 is a low quiescent current,
µCap low-dropout
regulator. With a maximum operating input voltage of 30V
and a quiescent current of 20
µA, it is ideal for supplying keep-
alive power in systems with high-voltage batteries.
Capable of 150mA output, the MIC5236 has a dropout
voltage of only 300mV. It can also survive an input transient
of –20V to +60V.
As a
µCap LDO, the MIC5236 is stable with either a ceramic
or a tantalum output capacitor. It only requires a 1.0
µF output
capacitor for stability.
The MIC5236 includes a logic compatible enable input and an
undervoltage error flag indicator. Other features of the
MIC5236 include thermal shutdown, current-limit, overvolt-
age shutdown, load-dump protection, reverse leakage pro-
tections, and reverse battery protection.
Available in the thermally enhanced SOP-8 and MSOP-8, the
MIC5236 comes in fixed 2.5V, 3.0V, 3.3V, 5.0V, and adjust-
able voltages. For other output voltages, contact Micrel.
Typical Application
IGND = 20µA
VOUT
3.0V/100
µA
VIN
30V
IN
MIC5236
EN
OUT
GND
ERR
Regulator with Low I
O and Low IQ
Features
• Ultra-low quiescent current (I
Q = 20µA @IO = 100µA)
• Wide input range: 2.3V to 30V
• Low dropout:
230mV @50mA;
300mV @150mA
• Fixed 2.5V, 3.0V, 3.3V, 5.0V, and Adjustable outputs
±1.0% initial output accuracy
• Stable with ceramic or tantalum output capacitor
• Load dump protection: –20V to +60V input transient
survivability
• Logic compatible enable input
• Low output flag indicator
• Overcurrent protection
• Thermal shutdown
• Reverse-leakage protection
• Reverse-battery protection
• High-power SOP-8 and MSOP-8
Applications
• Keep-alive supply in notebook and
portable personal computers
• Logic supply from high-voltage batteries
• Automotive electronics
• Battery-powered systems
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
COUT
VOUT
3.0V/150mA
VIN
5V
VERR
IN
MIC5236
EN
47k
OUT
GND
ERR
Regulator with Error Output
VOUT
3.0V/150mA
VIN
5V
IN
MIC5236
EN
OUT
GND
ADJ
Regulator with Adjustable Output


Similar Part No. - MIC5236-2.5BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-2.5BM MICREL-MIC5236-2.5BM Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5236-2.5BMM MICREL-MIC5236-2.5BMM Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
More results

Similar Description - MIC5236-2.5BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com