Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB120P04P4-04 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPB120P04P4-04
Description  P-channel - Normal Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB120P04P4-04 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPB120P04P4-04_15 Datasheet HTML 1Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 2Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 3Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 4Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 5Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 6Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 7Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 8Page - Infineon Technologies AG IPB120P04P4-04_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPB120P04P4-04
IPI120P04P4-04, IPP120P04P4-04
1 Power dissipation
2 Drain current
P tot = f(T C); V GS ≤ -6V
I D = f(T C); V GS ≤ -6V; SMD
3 Safe operating area
4 Max. transient thermal impedance
I D = f(V DS); T C = 25 °C; D = 0; SMD
Z thJC = f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
1
10
100
1000
0.1
1
10
100
-V
DS [V]
single pulse
0.01
0.05
0.1
0.5
10-6
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
101
t
p [s]
0
20
40
60
80
100
120
140
160
0
50
100
150
200
T
C [°C]
0
20
40
60
80
100
120
140
0
50
100
150
200
T
C [°C]
Rev. 1.1
page 4
2015-05-27


Similar Part No. - IPB120P04P4-04_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB120P04P4-04 INFINEON-IPB120P04P4-04 Datasheet
212Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-14
More results

Similar Description - IPB120P04P4-04_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ40N04S5-3R1 INFINEON-IPZ40N04S5-3R1_15 Datasheet
316Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPZ40N04S5-5R4 INFINEON-IPZ40N04S5-5R4_15 Datasheet
323Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPD90N10S4-06 INFINEON-IPD90N10S4-06 Datasheet
266Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPB120N10S4-03 INFINEON-IPB120N10S4-03 Datasheet
358Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPD60N10S4-12 INFINEON-IPD60N10S4-12 Datasheet
291Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPZ40N04S5-8R4 INFINEON-IPZ40N04S5-8R4_15 Datasheet
328Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPB120N10S4-05 INFINEON-IPB120N10S4-05 Datasheet
392Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev.1.0 2014-07-01
IPB180N10S4-03 INFINEON-IPB180N10S4-03 Datasheet
262Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPG16N10S4-61A INFINEON-IPG16N10S4-61A Datasheet
201Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2013-03-04
IPG20N06S4-15A INFINEON-IPG20N06S4-15A_15 Datasheet
278Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2015-09-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com