Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPZ40N04S5L-7R4 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPZ40N04S5L-7R4
Description  N-channel - Enhancement mode - Logic Level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZ40N04S5L-7R4 Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPZ40N04S5L-7R4_15 Datasheet HTML 1Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 2Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 3Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 4Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 5Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 6Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 7Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 8Page - Infineon Technologies AG IPZ40N04S5L-7R4_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPZ40N04S5L-7R4
13 Avalanche energy
14 Drain-source breakdown voltage
E AS = f(T j)
V BR(DSS) = f(T j); I D = 1 mA
15 Typ. gate charge
16 Gate charge waveforms
V GS = f(Q gate); I D = 40 A pulsed
parameter: V DD
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
36
38
40
42
44
46
-60
-20
20
60
100
140
180
T
j [°C]
8 V
32 V
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
Q
gate [nC]
40 A
20 A
10 A
0
10
20
30
40
50
60
25
75
125
175
T
j [°C]
Rev. 1.0
page 7
2015-05-06


Similar Part No. - IPZ40N04S5L-7R4_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ40N04S5L-2R8 INFINEON-IPZ40N04S5L-2R8 Datasheet
327Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
IPZ40N04S5L-2R8 INFINEON-IPZ40N04S5L-2R8_15 Datasheet
327Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
IPZ40N04S5L-3R6 INFINEON-IPZ40N04S5L-3R6 Datasheet
743Kb / 12P
   OptiMOS™-5 Power-Transistor
Rev. 1.3 2022-01-27
IPZ40N04S5L-4R8 INFINEON-IPZ40N04S5L-4R8 Datasheet
333Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
IPZ40N04S5L-4R8 INFINEON-IPZ40N04S5L-4R8_15 Datasheet
333Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
More results

Similar Description - IPZ40N04S5L-7R4_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com