Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5219-3.6BM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5219-3.6BM5
Description  500mA-Peak Output LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219-3.6BM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5219-3.6BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5219-3.6BM5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
July 2000
9
MIC5219
MIC5219
Micrel
Peak Current Applications
The MIC5219 is designed for applications where high start-
up currents are demanded from space constrained regula-
tors. This device will deliver 500mA start-up current from a
SOT-23-5 or MM8 package, allowing high power from a very
low profile device. The MIC5219 can subsequently provide
output current that is only limited by the thermal characteris-
tics of the device. You can obtain higher continuous currents
from the device with the proper design. This is easily proved
with some thermal calculations.
If we look at a specific example, it may be easier to follow. The
MIC5219 can be used to provide up to 500mA continuous
output current. First, calculate the maximum power dissipa-
tion of the device, as was done in the thermal considerations
section. Worst case thermal resistance (
θ
JA = 220°C/W for
the MIC5219-x.xBM5), will be used for this example.
P
=
T
– T
D(max)
J(max)
A
JA
()
θ
Assuming a 25
°C room temperature, we have a maximum
power dissipation number of
P
=
125 C – 25 C
C/W
D(max)
°°
()
°
220
P
D(max) = 455mW
Then we can determine the maximum input voltage for a five-
volt regulator operating at 500mA, using worst case ground
current.
P
D(max) = 455mW = (VIN – VOUT) IOUT + VIN IGND
I
OUT = 500mA
V
OUT = 5V
I
GND = 20mA
455mW = (V
IN – 5V) 500mA + VIN × 20mA
2.995W = 520mA
× V
IN
V
2.955W
520mA
5.683V
IN(max) ==
Therefore, to be able to obtain a constant 500mA output
current from the 5219-5.0BM5 at room temperature, you
need extremely tight input-output voltage differential, barely
above the maximum dropout voltage for that current rating.
You can run the part from larger supply voltages if the proper
precautions are taken. Varying the duty cycle using the
enable pin can increase the power dissipation of the device
by maintaining a lower average power figure. This is ideal for
applications where high current is only needed in short
bursts. Figure 1 shows the safe operating regions for the
MIC5219-x.xBM5 at three different ambient temperatures
and at different output currents. The data used to determine
this figure assumed a minimum footprint PCB design for
minimum heat sinking.
Figure 2 incorporates the same
factors as the first figure, but assumes a much better heat
sink. A 1" square copper trace on the PC board reduces the
thermal resistance of the device. This improved thermal
resistance improves power dissipation and allows for a larger
safe operating region.
Figures 3 and 4 show safe operating regions for the MIC5219-
x.xBMM, the power MSOP package part. These graphs
show three typical operating regions at different tempera-
tures. The lower the temperature, the larger the operating
region. The graphs were obtained in a similar way to the
graphs for the MIC5219-x.xBM5, taking all factors into con-
sideration and using two different board layouts, minimum
footprint and 1" square copper PC board heat sink. (For
further discussion of PC board heat sink characteristics, refer
to Application Hint 17, “Designing PC Board Heat Sinks”.)
The information used to determine the safe operating regions
can be obtained in a similar manner to that used in determin-
ing typical power dissipation, already discussed. Determin-
ing the maximum power dissipation based on the layout is the
first step, this is done in the same manner as in the previous
two sections.
Then, a larger power dissipation number
multiplied by a set maximum duty cycle would give that
maximum power dissipation number for the layout. This is
best shown through an example. If the application calls for 5V
at 500mA for short pulses, but the only supply voltage
available is 8V, then the duty cycle has to be adjusted to
determine an average power that does not exceed the
maximum power dissipation for the layout.
Avg.P =
% DC
100
V
– V
I
V
I
DIN
OUT
OUT
IN GND

 ()
+
455mW =
% DC
100
8V – 5V 500mA
8V
20mA

 ()
455mW =
% Duty Cycle
100
1.66W


0.274 =
% Duty Cycle
100
% Duty Cycle Max =
7.4%
2
With an output current of 500mA and a three-volt drop across
the MIC5219-xxBMM, the maximum duty cycle is 27.4%.
Applications also call for a set nominal current output with a
greater amount of current needed for short durations. This is
a tricky situation, but it is easily remedied. Calculate the
average power dissipation for each current section, then add
the two numbers giving the total power dissipation for the
regulator. For example, if the regulator is operating normally
at 50mA, but for 12.5% of the time it operates at 500mA
output, the total power dissipation of the part can be easily
determined. First, calculate the power dissipation of the
device at 50mA. We will use the MIC5219-3.3BM5 with 5V
input voltage as our example.
P
D × 50mA = (5V – 3.3V) × 50mA + 5V × 650µA
P
D × 50mA = 173mW
However, this is continuous power dissipation, the actual
on-time for the device at 50mA is (100%-12.5%) or 87.5% of
the time, or 87.5% duty cycle.
Therefore, P
D must be
multiplied by the duty cycle to obtain the actual average
power dissipation at 50mA.


Similar Part No. - MIC5219-3.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219-3.6BM5 MICREL-MIC5219-3.6BM5 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5219-3.6BM5 MICREL-MIC5219-3.6BM5 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219-3.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com