Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN10658 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AN10658
Description  Sending I2C-bus signals via long communications cables
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN10658 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AN10658_15 Datasheet HTML 4Page - NXP Semiconductors AN10658_15 Datasheet HTML 5Page - NXP Semiconductors AN10658_15 Datasheet HTML 6Page - NXP Semiconductors AN10658_15 Datasheet HTML 7Page - NXP Semiconductors AN10658_15 Datasheet HTML 8Page - NXP Semiconductors AN10658_15 Datasheet HTML 9Page - NXP Semiconductors AN10658_15 Datasheet HTML 10Page - NXP Semiconductors AN10658_15 Datasheet HTML 11Page - NXP Semiconductors AN10658_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AN10658_1
© NXP B.V. 2008. All rights reserved.
Application note
Rev. 01 — 26 February 2008
8 of 28
NXP Semiconductors
AN10658
Sending I2C-bus signals via long communications cables
The other end of the cable is fitted into the RJ45 jack CON2 of a second or ‘remote’
P82B96/PCA9600 daughter board. This ‘remote’ board will derive its 5 V supply from
the first board, via the cable and CON2. Use of CON2, with its different wiring
configuration, provides the necessary crossover linking from Tx on one board to Rx
on the other.
Ensure that the 5 V power selection jumper is fitted between pins 2 and 3 on header
J1 or that some alternative logic supply voltage is connected to pin 2 on J1 so that
there is a supply voltage for the I2C-bus on the Sx/Sy side of this ‘remote’ board.
The cable bus signals will be converted back to conventional I2C-bus levels by the
‘remote’ P82B96/PCA9600 and both the cable bus and I2C-bus signals are available
for probing on the 8-pin header J2. They are also available on the 9-pin header CON4
in the same format as on the I2C2005-1 expansion header.
Note that only the ‘switched 5 V’ supply from the I2C2005-1 board is used on
CON1/CON2. The un-switched 5 V and 3.3 V supplies are not available on the Cat5e
cable and therefore are not available on CON4 in modes where boards are linked only
by the Cat5e cable.
See Section 3.2 for further details of this application.
3.1 Generating Fm+ compatible signals at CON1
This operating mode is intended for providing Fm+ drive signals to enable testing of ICs or
modules that require up to 30 mA driver sink capability to allow low resistance pull-ups to
be used to achieve fast rise times.
The pull-up resistor actually fitted on the P82B96/PCA9600 demonstration board is
1.15 k
Ω, being the series combinations of R5 + R6 and R9 + R10.
Provision is made for fitting either leaded or chip resistors in parallel with this pull-up to
achieve whatever resultant value is desired. Those resistors may be fitted as R4,5,8,9.
Note that to meet the 120 ns Fm+ rise time requirement the maximum capacitance load
allowed with the fitted 1.15 k
Ω pull-up is only 120 pF. The typical blue Cat5e
communication cable is about 46 pF/m so connection cables must be kept short.
It is recommended not to attempt driving long cables with this pull-up value; the 4-signal
mode is much more reliable and allows higher speed.
An example of using the board in this Fm+ mode would be to directly drive the FDI
PCA9633 LED driver demonstration board’s Fm+ bus using a short communications cable
between CON1 and either RJ45 jack on the FDI board. The settings on the boards should
be:
On the P82B96/PCA9600 daughter board:
– VCC jumper in place, so the board is powered from the I2C2005-1
– Switches 1 and 2 closed (on) [Selects Fm+ mode]
– Switches 3 and 4 open (off) [Selects Fm+ mode]
On the FDI PCA9633 demo board:
– Switches 1-3 set as advised in the 2005-1 user guide [address selection]. The
address used with Win USB Lite requires Switch 1 = ON, Sw 2 = OFF, Sw 3 = ON.
– Switch 4 ON. [The cable core 6 is used as a ground and this sets OE low = active.]


Similar Part No. - AN10658_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1060 STMICROELECTRONICS-AN1060 Datasheet
204Kb / 11P
   FLYBACK CONVERTERS WITH THE L6561 PFC
AN1061 STMICROELECTRONICS-AN1061 Datasheet
798Kb / 21P
   2A HIGH EFFICIENCY DC-DC CONVERTERY
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
   Using the QSPI for Analog Data Acquisition
logo
Freescale Semiconductor...
AN1063/D FREESCALE-AN1063/D Datasheet
58Kb / 10P
   Product Brief Integrated Processor With DMA
logo
NXP Semiconductors
AN1063/D NXP-AN1063/D Datasheet
1Mb / 37P
   Integrated CPU32 Processor
Rev 1
More results

Similar Description - AN10658_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22500EEVKIT MAXIM-MAX22500EEVKIT Datasheet
869Kb / 9P
   Transceivers for Long Cables
Rev 0; 8/17
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
   Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
logo
PHOENIX CONTACT
PSI-MOS-DNET PHOENIX-PSI-MOS-DNET Datasheet
337Kb / 7P
   Supply voltage and data signals routed through via DIN rail connectors
logo
NXP Semiconductors
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
PHOENIX CONTACT
2740436 PHOENIX-2740436 Datasheet
47Kb / 3P
   Remote bus connections via MINI COMBICON
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
   I2C-bus repeater
2004 Jun 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com