Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN10932 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AN10932
Description  120 V high power factor dimmable CFL with UBA2014
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN10932 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AN10932_15 Datasheet HTML 2Page - NXP Semiconductors AN10932_15 Datasheet HTML 3Page - NXP Semiconductors AN10932_15 Datasheet HTML 4Page - NXP Semiconductors AN10932_15 Datasheet HTML 5Page - NXP Semiconductors AN10932_15 Datasheet HTML 6Page - NXP Semiconductors AN10932_15 Datasheet HTML 7Page - NXP Semiconductors AN10932_15 Datasheet HTML 8Page - NXP Semiconductors AN10932_15 Datasheet HTML 9Page - NXP Semiconductors AN10932_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 4.
Triac wall dimmer with separate PFC and CFL ballast
019aaa335
TRIAC DIMMER
120 V
(RMS)
VCO
CSP
CSN
IREF CF
CSW
DRIVERS
BRIDGE
RECTIFIER
Vin
Lres
Cres
CFL
Cblock
DIM
CONTROL
PFC
HALF
BRIDGE
UBA2014 CONTROLLER
Lboost
Iboost
Vbus
Cbus
RESONANT
TANK
LAMP CURRENT
SENSE


Similar Part No. - AN10932_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
   Dimmable LED based lamps
Rev. 1-23 May 2011
More results

Similar Description - AN10932_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
   120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
logo
STMicroelectronics
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
AN10803 PHILIPS-AN10803_15 Datasheet
1Mb / 30P
   Triac dimmable CFL application using the UBA2028
Rev. 2-27 February 2012
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
logo
STMicroelectronics
AN4129 STMICROELECTRONICS-AN4129 Datasheet
3Mb / 39P
   STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
logo
NXP Semiconductors
AN10872 PHILIPS-AN10872_15 Datasheet
313Kb / 38P
   TL application with UBA2014
Rev. 01-9 December 2010
logo
Dialog Semiconductor
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com