Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9330VW-CXXG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9330VW-CXXG
Description  3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9330VW-CXXG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9330VW-CXXG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-9330VW-CXXG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-9330VW-CXXG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-9330VW-CXXG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-9330VW-CXXG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9330VW-CXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V2.0
1
SPS-9330VW-CXXG
(RoHS Compliant)
CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Speed from 50 Mbps to 3 Gbps
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Single CWDM Transmitter: 1270 nm to 1610 nm
l Based on Industry Standard SFP
l SFF-8472 Digital Diagnostic Function
l Two Independent TTL Laser Disable Input
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-9330VW-CXXG is a single channel optical single
mode transmitter module designed to transmit optical serial
digital signals as defined in SMPTE 297-2006. It supports
from 50 Mbps to 3 Gbps and is specifically designed for
transmitted the SMPTE 259M, SMPTE 344M, SMPTE
292M and SMPTE 424M SDI pathological patterns. It is
with the SFP 20-pin connector to allow hot plug capability.
Digital diagnostic functions are available via an I
2C. It is
with a CWDM DFB laser transmitters. There are
eighteenter wavelengths available from 120 nm to 1610 nm,
with each step 20 nm.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX1
TX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Power
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9330VW-CXXG
1-TX
50 to 3000
XX*
0 to -5
LC SFP with DMI
0 to 70
Yes
*: XX is for Channel 1 CWDM Wavelength (0 to 70
oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
-C270
1264.5
1270
1277.5
Light Purple
-C450
1444.5
1450
1457.5
Yellow Orange
-C290
1284.5
1290
1297.5
Sky Blue
-C470
1464.5
1470
1477.5
Gray
-C310
1304.5
1310
1317.5
Yellow Green
-C490
1484.5
1490
1497.5
Violet
-C330
1324.5
1330
1337.5
Yellow Ocher
-C510
1504.5
1510
1517.5
Blue
-C350
1344.5
1350
1357.5
Pink
-C530
1524.5
1530
1537.5
Green
-C370
1364.5
1370
1377.5
Beige
-C550
1544.5
1550
1557.5
Yellow
-C390
1384.5
1390
1397.5
White
-C570
1564.5
1570
1577.5
Orange
-C410
1404.5
1410
1417.5
Silver
-C590
1584.5
1590
1597.5
Red
-C430
1424.5
1430
1437.5
Black
-C610
1604.5
1610
1617.5
Brown
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.
RELATED PRODUCTS
RX1
RX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9110VW-1G
1RX
50 to 3000 1260/1620
0 to -20
LC SFP with DMI
0 to 70
Yes
SPS-9380VW-1G
1RX
50 to 3000 1260/1620
-9 to -28
LC SFP with DMI
0 to 70
Yes


Similar Part No. - SPS-9330VW-CXXG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9330VW-CXXG_2015 OPTOWAY-SPS-9330VW-CXXG_2015 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
More results

Similar Description - SPS-9330VW-CXXG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380VW-CXXG_2015 OPTOWAY-SPS-9380VW-CXXG_2015 Datasheet
145Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9380VW-1TG_2015 OPTOWAY-SPS-9380VW-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9130VW-1TG_2015 OPTOWAY-SPS-9130VW-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9350VW-CXXG OPTOWAY-SPS-9350VW-CXXG_15 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9310VW-CXXG_2015 OPTOWAY-SPS-9310VW-CXXG_2015 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXXG_2015 OPTOWAY-SPS-9330VW-CXXG_2015 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9110VW-1TG_2015 OPTOWAY-SPS-9110VW-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9350VW-1TG_2015 OPTOWAY-SPS-9350VW-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9350VW-CXXG_2015 OPTOWAY-SPS-9350VW-CXXG_2015 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG_15 Datasheet
142Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com