Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC706P Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC706P
Description  關P Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706P Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC706P Datasheet HTML 1Page - Micrel Semiconductor MIC706P Datasheet HTML 2Page - Micrel Semiconductor MIC706P Datasheet HTML 3Page - Micrel Semiconductor MIC706P Datasheet HTML 4Page - Micrel Semiconductor MIC706P Datasheet HTML 5Page - Micrel Semiconductor MIC706P Datasheet HTML 6Page - Micrel Semiconductor MIC706P Datasheet HTML 7Page - Micrel Semiconductor MIC706P Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
the WDI pin will reset the watchdog timer. The output of
the watchdog timer (WDO) will remain high if WDI sees
a valid transition within the watchdog timeout period. If
VCC falls below the reset threshold voltage then WDO
goes low immediately regardless of WDI. Likewise,
WDO goes high immediately after VCC exceeds the
reset threshold. WDO can be connected to MR to
generate a reset pulse upon watchdog timeout.
Microprocessor Reset
The RESET pin is asserted whenever VCC falls below
the reset threshold voltage or when MR goes low. The
reset pin remains asserted for a period of 200ms after
VCC has risen above the reset threshold voltage and
MR goes high. The reset function ensures the
microprocessor is properly reset and powers up into a
known condition after a power failure. RESET will
remain valid with VCC as low as 1.4V.
Power Fail Warning
An additional comparator which is independent of other
functions on the MIC706/MIC708 is provided for early
warning of power failure. An external voltage divider
can be used to compare unregulated DC to an internal
1.25V reference. The voltage divider ratio on the input
of the power fail comparator (PFI) can be chosen so as
to trip the power fail comparator a few milliseconds
before VCC falls below the maximum reset threshold
voltage. The output of the power fail comparator (PFO)
can be used to interrupt the microprocessor when used
in this mode and execute shut-down procedures prior to
power loss.
Watchdog Timer
The microprocessor can be monitored by connecting
the WDI pin (watchdog input) to a bus line or I/O line. If
a transition doesn’t occur on the WDI pin within the
watchdog timeout period, then WDO will go low. A
minimum pulse of 50ns (4.5V supply) or 100ns (2.7V
supply) or any transition low-to-high or high-to-low on
+
-
1.25V
R1
R2
Unregulated DC
PFO
PFI
Figure 3. Power Fail Comparator
Circuit Description
Figure 4. Reset Timing Diagram
VCC
MR
RESET
VRT
tMR
tMD
tRS
tRS
WDO
MIC706P/R/S/T, MIC708R/S/T
µP Supervisory Circuits


Similar Part No. - MIC706P

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC706P MICREL-MIC706P Datasheet
163Kb / 7P
   關P Supervisory Circuit
MIC706P MICREL-MIC706P Datasheet
451Kb / 10P
   關P Supervisory Circuit
MIC706PMY MICREL-MIC706PMY Datasheet
451Kb / 10P
   關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
More results

Similar Description - MIC706P

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com