Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC70_N Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC70_N
Description  關P Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC70_N Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC70_N Datasheet HTML 1Page - Micrel Semiconductor MIC70_N Datasheet HTML 2Page - Micrel Semiconductor MIC70_N Datasheet HTML 3Page - Micrel Semiconductor MIC70_N Datasheet HTML 4Page - Micrel Semiconductor MIC70_N Datasheet HTML 5Page - Micrel Semiconductor MIC70_N Datasheet HTML 6Page - Micrel Semiconductor MIC70_N Datasheet HTML 7Page - Micrel Semiconductor MIC70_N Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
The MIC705/MIC706/MIC707/MIC708 are inexpensive
microprocessor supervisory circuits that monitor power
supplies in microprocessor based systems. The circuit
functions include a watchdog timer, microprocessor
reset, power failure warning and a debounced manual
reset input.
The MIC705 and MIC706 offer a watchdog timer
function while the MIC707 and MIC708 have an active
high reset output in addition to the active low reset
output.
Supply voltage monitor levels of 4.65V and 4.4V are
available. The MIC705/MIC707 have a nominal reset
threshold level of 4.65V while the MIC706 and MIC708
have a 4.4V nominal reset threshold level. When the
supply voltage drops below the respective reset
threshold level, RESET is asserted.
1
2
3
4
VCC
GND
PFI
8
7
6
5
WDO
RESET
WDI
PFO
MIC705
MIC706
MR
PFO
1
2
3
4
VCC
GND
PFI
8
7
6
5
RESET
RESET
NC
PFO
MIC707
MIC708
MR
PFO
Top View
N Package - 8 Lead Plastic DIP Package
M Package - 8 Lead Plastic SOIC Package
Part
Package
Temp. Range
MIC70_N
8-Lead PDIP
-40°C to +85°C
MIC70_M
8-Lead SOIC
-40°C to +85°C
· Automotive Systems
· Intelligent Instruments
· Critical Microprocessor Power Monitoring
· Printers
· Computers
· Controllers
· Debounced Manual Reset Input is
TTL/CMOS Compatible
· Reset Pulse Width, 200ms
· Watchdog Timer, 1.6s (MIC705/MIC706)
· 4.4V or 4.65V Precision Voltage Monitor
· Early Power Fail Warning or Low Battery
Detect
VCC
RESET
µP
RESET
VCC
MIC705
MIC706
+5V (Regulated)
MR
WDI
I/O Line
PFO
Interrupt
PFI
DC Voltage
(Unregulated)
Manual
Reset
WDO
NMI
Typical Operating Circuit
Features
Description
Pin Configuration
Ordering Information
Typical Applications
MIC705/6/7/8 µP Supervisory Circuits
MIC705/6/7/8
µP Supervisory Circuits


Similar Part No. - MIC70_N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC70_N MICREL-MIC70_N Datasheet
177Kb / 8P
   Supervisory Circuits
More results

Similar Description - MIC70_N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com