Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD1313EL Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLD1313EL
Description  3 Channel High Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1313EL Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLD1313EL_15 Datasheet HTML 4Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 5Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 6Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 9Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 10Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 11Page - Infineon Technologies AG TLD1313EL_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
8
Rev. 1.1, 2015-03-24
TLD1313EL
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin for input pins (I), positive
currents flowing out of the I/O and output pins (O) (unless otherwise specified)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage
V
S
-16
40
V
4.1.2
Input voltage EN
V
EN
-16
40
V
4.1.3
Input voltage EN related to
V
S
V
EN(VS)
V
S - 40
V
S + 16
V
4.1.4
Input voltage EN related to
V
OUTx
V
EN - VOUTx
V
EN -
V
OUTx
-16
40
V
4.1.5
Output voltage
V
OUTx
-1
40
V
4.1.6
Power stage voltage
V
PS = VS - VOUTx
V
PS
-16
40
V
4.1.7
IN_SET voltage
V
IN_SET
-0.3
6
V
4.1.8
Status voltage
V
ST
-0.3
6
V
Currents
4.1.9
IN_SET current
I
IN_SET
2
8
mA
Diagnosis output
4.1.10
Output current
I
OUTx
–130
mA
Temperatures
4.1.11
Junction temperature
T
j
-40
150
°C–
4.1.12
Storage temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.13
ESD resistivity to GND
V
ESD
-2
2
kV
Human Body
Model (100 pF via
1.5 k
Ω)2)
2) ESD susceptibility, Human Body Model “HBM” according to ANSI/ESDA/JEDEC JS-001-2011
4.1.14
ESD resistivity all pins to GND
V
ESD
-500
500
V
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” according to JESD22-C101E
4.1.15
ESD resistivity corner pins to GND
V
ESD
-750
750
V
CDM3)


Similar Part No. - TLD1313EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD1313EL MARL-TLD1313EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
More results

Similar Description - TLD1313EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL_15 Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1311EL INFINEON-TLD1311EL_15 Datasheet
1Mb / 33P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1315EL INFINEON-TLD1315EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2314EL INFINEON-TLD2314EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2326EL INFINEON-TLD2326EL_15 Datasheet
1Mb / 30P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com