Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV842 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV842
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV842 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV842 Datasheet HTML 6Page - Texas Instruments LMV842 Datasheet HTML 7Page - Texas Instruments LMV842 Datasheet HTML 8Page - Texas Instruments LMV842 Datasheet HTML 9Page - Texas Instruments LMV842 Datasheet HTML 10Page - Texas Instruments LMV842 Datasheet HTML 11Page - Texas Instruments LMV842 Datasheet HTML 12Page - Texas Instruments LMV842 Datasheet HTML 13Page - Texas Instruments LMV842 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SUPPLY VOLTAGE (V)
40
35
30
25
20
2
4
6
8
10
12
-40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
45
40
35
30
25
2
4
6
8
10
12
-40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.3V
5.0V
±5V
TA = 125°C
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
Input Bias Current
Supply Current per Channel
vs.
vs.
VCM
Supply Voltage
Figure 12.
Figure 13.
Sinking Current
Sourcing Current
vs.
vs.
Supply Voltage
Supply Voltage
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844


Similar Part No. - LMV842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV842 NSC-LMV842 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV842 NSC-LMV842 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMV842 TI-LMV842 Datasheet
1Mb / 37P
[Old version datasheet]   LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV842MA NSC-LMV842MA Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV842MA NSC-LMV842MA Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results

Similar Description - LMV842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
LMV841QMG TI-LMV841QMG Datasheet
1Mb / 37P
[Old version datasheet]   LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com