Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV851 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV851
Description  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV851 Datasheet(HTML) 2 Page - Texas Instruments

  LMV851_15 Datasheet HTML 1Page - Texas Instruments LMV851_15 Datasheet HTML 2Page - Texas Instruments LMV851_15 Datasheet HTML 3Page - Texas Instruments LMV851_15 Datasheet HTML 4Page - Texas Instruments LMV851_15 Datasheet HTML 5Page - Texas Instruments LMV851_15 Datasheet HTML 6Page - Texas Instruments LMV851_15 Datasheet HTML 7Page - Texas Instruments LMV851_15 Datasheet HTML 8Page - Texas Instruments LMV851_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LMV851, LMV852, LMV854
SNOSAW1A – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
Human Body Model
2 kV
Charge-Device Model
1 kV
Machine Model
200V
VINDifferential
± Supply Voltage
Supply Voltage (V+ – V)
6V
Voltage at Input/Output Pins
V+ +0.4V
V
−0.4V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (3)
+150°C
Soldering Information
Infrared or Convection (20 sec)
+260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Temperature Range (2)
−40°C to +125°C
Supply Voltage (V+ – V)
2.7V to 5.5V
Package Thermal Resistance (
θJA
(2))
5-Pin SC70
313 °C/W
8-Pin VSSOP
217 °C/W
14-Pin TSSOP
135 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
3.3V Electrical Characteristics
(1)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
VOS
Input Offset Voltage
±0.26
±1
mV
See (4)
±1.2
TCVOS
Input Offset Voltage Drift (5)
±0.4
±2
μV/°C
See (4)
IB
Input Bias Current (5)
0.1
10
pA
500
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
The typical value is calculated by applying absolute value transform to the distribution, then taking the statistical average of the resulting
distribution
(5)
This parameter is specified by design and/or characterization and is not tested in production.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV851 LMV852 LMV854


Similar Part No. - LMV851_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV851_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com