Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7231 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV7231
Description  LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV7231 Datasheet(HTML) 4 Page - Texas Instruments

  LMV7231_15 Datasheet HTML 1Page - Texas Instruments LMV7231_15 Datasheet HTML 2Page - Texas Instruments LMV7231_15 Datasheet HTML 3Page - Texas Instruments LMV7231_15 Datasheet HTML 4Page - Texas Instruments LMV7231_15 Datasheet HTML 5Page - Texas Instruments LMV7231_15 Datasheet HTML 6Page - Texas Instruments LMV7231_15 Datasheet HTML 7Page - Texas Instruments LMV7231_15 Datasheet HTML 8Page - Texas Instruments LMV7231_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LMV7231
SNOSB45E – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
1
-IN1
Analog Input
Negative input for window comparator 1.
2
+IN1
Analog Input
Positive input for window comparator 1.
3
-IN2
Analog Input
Negative input for window comparator 2.
4
+IN2
Analog Input
Positive input for window comparator 2.
5
-IN3
Analog Input
Negative input for window comparator 3.
6
+IN3
Analog Input
Positive input for window comparator 3.
7
-IN4
Analog Input
Negative input for window comparator 4.
8
+IN4
Analog Input
Positive input for window comparator 4.
9
-IN5
Analog Input
Negative input for window comparator 5.
10
+IN5
Analog Input
Positive input for window comparator 5.
11
-IN6
Analog Input
Negative input for window comparator 6.
12
+IN6
Analog Input
Positive input for window comparator 6.
13
RESERVED
Digital Input
Connect to GND.
14
GND
Power
Ground reference pin for the power supply voltage.
The state of this pin determines whether the CO1-CO6 pins are active
15
COPOL
Digital Input
“HIGH” or “LOW”. When tied LOW the CO1-CO6 outputs will go LOW to
indicate an out of window comparison.
The state of this pin determines whether the AO pin is active on an over-
16
AOSEL
Digital Input
voltage or under-voltage event. When tied LOW the AO output will be
active upon an over-voltage event.
This output is the ANDED combination of either the over-voltage
Open-Drain NMOS
17
AO
comparator outputs or the under-voltage comparator outputs and is
Digital Output
controlled by the state of the AOSEL. AO pin is active “LOW”.
Open-Drain NMOS
18
CO6
Window comparator 6 NMOS open-drain output.
Digital Output
Open-Drain NMOS
19
CO5
Window comparator 5 NMOS open-drain output.
Digital Output
Open-Drain NMOS
20
CO4
Window comparator 4 NMOS open-drain output.
Digital Output
Open-Drain NMOS
21
CO3
Window comparator 3 NMOS open-drain output.
Digital Output
Open-Drain NMOS
22
CO2
Window comparator 2 NMOS open-drain output.
Digital Output
Open-Drain NMOS
23
CO1
Window comparator 1 NMOS open-drain output.
Digital Output
24
V+
Power
Power supply pin.
DAP
DAP
Thermal Pad
Die Attach Paddle (DAP) connect to GND.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV7231


Similar Part No. - LMV7231_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
More results

Similar Description - LMV7231_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com