Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7275-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV7275-Q1
Description  LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV7275-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LMV7275-Q1_15 Datasheet HTML 1Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 2Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 3Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 4Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 5Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 6Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 7Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 8Page - Texas Instruments LMV7275-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMV7275-Q1
www.ti.com
SNOSD09 – SEPTEMBER 2015
6.7 2.7-V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7 V, V= 0 V.
PARAMETER
CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
0.3
4
VOS
Input Offset Voltage
mV
At the temperature extremes
6
TC VOS
Input Offset Temperature Drift
VCM = 1.35 V
(3)
20
µV/°C
IB
Input Bias Current
10
nA
IOS
Input offset Current
200
pA
9
13
IS
Supply Current
µA
At the temperature extremes
15
ISC
Output Short Circuit Current
Sinking, VO = 1.35 V
10
15
mA
IO = −0.5 mA
50
70
VOL
Output Voltage Low
mV
IO = −2 mA
155
220
VCM
Input Common Voltage Range
CMRR > 45 dB
−0.1
2.8
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 2.7 V
46
78
dB
PSRR
Power Supply Rejection Ratio
V+ = 1.8 V to 5 V
55
80
dB
ILEAKAGE
Output Leakage Current
VO = 2.7 V
2
pA
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
6.8 2.7-V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7 V, V= 0 V, V
CM = 0.5 V, VO = V
+/2 and R
L > 1 MΩ to
V
.
PARAMETER
CONDITION
MIN(1)
TYP(2)
MAX(1)
UNIT
Input Overdrive = 20 mV
1200
ns
Load = 50 pF//5 k
Propagation Delay
tPHL
(High to Low)
Input Overdrive = 50 mV
810
ns
Load = 50 pF//5 k
tPLH
Propagation Delay
Input Overdrive = 20 mV
1300
ns
(Low to High)
Load = 50 pF//5 k
Input Overdrive = 50 mV
860
ns
Load = 50 pF//5 k
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
6.9 5-V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5 V, V= 0 V.
PARAMETER
CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
0.3
4
VOS
Input Offset Voltage
mV
At the temperature extremes
6
TC VOS
Input Offset Temperature Drift
VCM = 2.5 V
(3)
20
µV/°C
IB
Input Bias Current
10
nA
IOS
Input Offset Current
200
pA
10
14
IS
Supply Current
µA
16
At the temperature extremes
ISC
Output Short Circuit Current
Sinking, VO = 2.5 V
18
34
mA
IO = −0.5 mA
27
70
VOL
Output Voltage Low
mV
IO = −4.0 mA
225
315
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV7275-Q1


Similar Part No. - LMV7275-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
More results

Similar Description - LMV7275-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
[Old version datasheet]   Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
Analog Devices
AD8515 AD-AD8515_15 Datasheet
371Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail
Rev. D
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com