Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 11 Page - Texas Instruments

Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV531_15 Datasheet HTML 7Page - Texas Instruments LPV531_15 Datasheet HTML 8Page - Texas Instruments LPV531_15 Datasheet HTML 9Page - Texas Instruments LPV531_15 Datasheet HTML 10Page - Texas Instruments LPV531_15 Datasheet HTML 11Page - Texas Instruments LPV531_15 Datasheet HTML 12Page - Texas Instruments LPV531_15 Datasheet HTML 13Page - Texas Instruments LPV531_15 Datasheet HTML 14Page - Texas Instruments LPV531_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
-10
-8
-6
-4
-2
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
ISEL CURRENT (PA)
1
10
100
1000
SUPPLY CURRENT (PA)
0.1
1
10
100
85°C
25°C
-40°C
1
10
100
1000
SUPPLY CURRENT (PA)
0.1
1
10
100
85°C
25°C
-40°C
TIME (100 Ps/DIV)
TIME (10 Ps/DIV)
TIME (10 Ps/DIV)
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, V
+ = 5V, T
J = 25°C. For Full Power Mode the ISEL pin is connected to V
; for Mid-Power Mode the
ISEL pin is connected to V
through a 100 kΩ resistor; for Low Power Mode the I
SEL pin is connected to V
through a 1 MΩ
resistor.
Large Signal Inverting Response
Large Signal Inverting Response
(Full Power Mode)
(Mid Power Mode)
Figure 27.
Figure 28.
ISINK
Large Signal Inverting Response
vs.
(Low Power Mode)
Supply Current
Figure 29.
Figure 30.
ISOURCE
Gain Bandwidth Product
vs.
vs.
Supply Current
ISEL
Figure 31.
Figure 32.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPV531


Similar Part No. - LPV531_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV531MK NSC-LPV531MK Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV531MKX NSC-LPV531MKX Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LPV531_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
   Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com