Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33078-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # MC33078-EP
Description  DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33078-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button MC33078-EP_15 Datasheet HTML 6Page - Texas Instruments MC33078-EP_15 Datasheet HTML 7Page - Texas Instruments MC33078-EP_15 Datasheet HTML 8Page - Texas Instruments MC33078-EP_15 Datasheet HTML 9Page - Texas Instruments MC33078-EP_15 Datasheet HTML 10Page - Texas Instruments MC33078-EP_15 Datasheet HTML 11Page - Texas Instruments MC33078-EP_15 Datasheet HTML 12Page - Texas Instruments MC33078-EP_15 Datasheet HTML 13Page - Texas Instruments MC33078-EP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
0.0001
0.001
0.01
0.1
1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
1k
10k
100k
V
= 15 V
V
= –15 V
V = 1 V
A = 1
R = 2 k
T = 25°C
CC+
CC–
O
rms
V
L
A
W
10
100
0.0001
0.001
0.01
0.1
1
0
1
2
3
4
5
6
7
8
9
VO – Output Voltage – Vrms
V
= 15 V
V
= –15 V
f = 2 kHz
R = 2 k
T = 25°C
CC+
CC–
L
A
W
A = 1
V
A = 10
V
A = 100
V
A = 1000
V
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
Falling Edge
Rising Edge
V = 2/3(V
– V
)
A = 1
R = 2 k
T = 25°C
D
W
IN
CC+
CC–
V
L
A
2
3
4
5
6
7
8
9
10
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
V
= 15 V
V
= –15 V
CC+
CC–
V = 20 V
A = 1
R = 2 k
D
W
IN
V
L
Falling Edge
Rising Edge
MC33078-EP
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
SLOS495 – OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
SLEW RATE
SLEW RATE
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
10
Submit Documentation Feedback


Similar Part No. - MC33078-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI1-MC33078-EP Datasheet
851Kb / 26P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
NOVEMBER 2006
More results

Similar Description - MC33078-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_1 Datasheet
700Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_2 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2719 NJRC-NJM2719 Datasheet
329Kb / 10P
   Low Noise, High-Speed Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com