Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA376 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA376
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA376_15 Datasheet HTML 7Page - Texas Instruments OPA376_15 Datasheet HTML 8Page - Texas Instruments OPA376_15 Datasheet HTML 9Page - Texas Instruments OPA376_15 Datasheet HTML 10Page - Texas Instruments OPA376_15 Datasheet HTML 11Page - Texas Instruments OPA376_15 Datasheet HTML 12Page - Texas Instruments OPA376_15 Datasheet HTML 13Page - Texas Instruments OPA376_15 Datasheet HTML 14Page - Texas Instruments OPA376_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
C
1
1nF
C
150pF
2
R
3
5.49kW
R
1
5.49kW
R
2
12.4kW
V+
V
OUT
V
IN
OPA376
(V+)/2
5kW
OPA376
10mAmax
V+
V
IN
V
OUT
I
OVERLOAD
10
to
W
20W
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA376
OPA376
OPA2376
OPA4376
www.ti.com
SBOS406F – JUNE 2007 – REVISED MARCH 2013
INPUT AND ESD PROTECTION
load, a voltage divider is created, introducing a gain
error at the output and slightly reducing the output
The OPA376 family incorporates internal electrostatic
swing. The error introduced is proportional to the ratio
discharge (ESD) protection circuits on all pins. In the
RS/RL, and is generally negligible at low output
case of input and output pins, this protection primarily
current levels.
consists
of
current
steering
diodes
connected
between the input and power-supply pins. These ESD
protection
diodes
also
provide
in-circuit,
input
overdrive protection, as long as the current is limited
to 10mA as stated in the Absolute Maximum Ratings.
Figure 24 shows how a series input resistor may be
added to the driven input to limit the input current.
The added resistor contributes thermal noise at the
amplifier input and its value should be kept to a
minimum in noise-sensitive applications.
Figure 25. Improving Capacitive Load Drive
ACTIVE FILTERING
The
OPA376
series
is
well-suited
for
filter
applications requiring a wide bandwidth, fast slew
rate, low-noise, single-supply operational amplifier.
Figure 26 shows a 50kHz, 2nd-order, low-pass filter.
The components have been selected to provide a
Figure 24. Input Current Protection
maximally-flat Butterworth response. Beyond the
cutoff
frequency,
roll-off
is
–40dB/dec.
The
Butterworth
response
is
ideal
for
applications
CAPACITIVE LOAD AND STABILITY
requiring predictable gain characteristics such as the
The OPA376 series of amplifiers may be used in
anti-aliasing filter used ahead of an analog-to-digital
applications where driving a capacitive load is
converter (ADC).
required. As with all op amps, there may be specific
instances where the OPAx376 can become unstable,
leading to oscillation. The particular op amp circuit
configuration, layout, gain, and output loading are
some of the factors to consider when establishing
whether an amplifier will be stable in operation. An op
amp in the unity-gain (+1V/V) buffer configuration and
driving a capacitive load exhibits a greater tendency
to be unstable than an amplifier operated at a higher
noise gain. The capacitive load, in conjunction with
the op amp output resistance, creates a pole within
the feedback loop that degrades the phase margin.
The degradation of the phase margin increases as
the capacitive loading increases.
The OPAx376 in a unity-gain configuration can
directly drive up to 250pF pure capacitive load.
Increasing the gain enhances the ability of the
amplifier to drive greater capacitive loads; see the
typical characteristic plot, Small-Signal Overshoot vs
Capacitive
Load.
In
unity-gain
configurations,
Figure 26. Second-Order Butterworth 50kHz Low-
capacitive load drive can be improved by inserting a
Pass Filter
small (10
Ω to 20Ω) resistor, RS, in series with the
output,
as
shown
in
Figure
25.
This
resistor
significantly reduces ringing while maintaining dc
performance for purely capacitive loads. However, if
there is a resistive load in parallel with the capacitive
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA376 OPA2376 OPA4376


Similar Part No. - OPA376_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA376_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com