Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD2314EL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLD2314EL
Description  3 Channel High Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2314EL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLD2314EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 9Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 10Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 11Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 12Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 13Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 14Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TLD2314EL
DEN Pin
Data Sheet
11
Rev. 1.1, 2015-03-24
Figure 5
Power on reset
The DEN voltage
V
DEN does not influence the disable function via the ST pin. If VDEN < VDEN(dis) the device can still
be disabled via the ST pin, if
V
ST > VST(H). For details, please refer to Chapter 7.3.
5.1
Electrical Characteristics Internal Supply / DEN Pin
Electrical Characteristics Internal Supply / DEN pin
Unless otherwise specified:
V
S = 5.5 V to 40 V, Tj = -40 °C to +150 °C, RSETx =12kΩ all voltages with respect to
ground, positive current flowing into pin for input pins (I), positive currents flowing out of the I/O and output pins
(O) (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Current consumption,
active mode
I
S(on)
––
1.9
mA
1)
I
IN_SET = 0µA
T
j < 105 °C
V
S = 18 V
V
OUTx = 3.6V
5.1.2
Current consumption,
device disabled via ST
I
S(dis,ST)
––
1.7
mA
1)
V
S = 18 V
T
j < 105 °C
V
ST = 5 V
5.1.3
Current consumption,
device disabled via
IN_SETx
I
S(dis,IN_SET)
––
1.7
mA
1) V
S = 18 V
T
j < 105 °C
V
IN_SETx = 5 V (all)
5.1.4
Current consumption,
active mode in single fault
detection condition with ST-
pin unconnected
I
S(fault,STu)
––
2.1
mA
1) V
S = 18 V
T
j < 105 °C
R
SETx = 12 kΩ
V
OUTx = 18 V or 0 V
5.1.5
Current consumption,
active mode in single fault
detection condition with ST-
pin connected to GND
I
S(fault,STG)
––
6.2
mA
1) V
S = 18 V
T
j < 105 °C
R
SET1 = 12 kΩ
R
SET2,3 = unconnected
V
OUTx = 18 V or 0 V
V
ST = 0 V
t
80%
tPOR
IOUT
100%
V
S


Similar Part No. - TLD2314EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD2314EL MARL-TLD2314EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
More results

Similar Description - TLD2314EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL_15 Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1313EL INFINEON-TLD1313EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1311EL INFINEON-TLD1311EL_15 Datasheet
1Mb / 33P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1315EL INFINEON-TLD1315EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2326EL INFINEON-TLD2326EL_15 Datasheet
1Mb / 30P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com