Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD5045EJ Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLD5045EJ
Description  700mA High Integration - DC/DC Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5045EJ Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLD5045EJ Datasheet HTML 7Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 8Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 9Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 10Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 11Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 12Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 13Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 14Page - Infineon Technologies AG TLD5045EJ Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
11
Revision1.0
2015-05-28
Infineon® LITIX™ Power
TLD5045EJ
Electrical Characteristics
5.2
Power Supply Monitoring
Over- and Undervoltage Shutdown
If the supply voltage VREC drops below the input under voltagae threshold voltage VREC,UVOFF, the power stage
is switched OFF and the device is in normal consumption mode (Iq,ON).
If VREC rises again and reaches the input undervoltage startup threshold VREC,UVON the power stage is restarted
and the device is back to normal operation mode.
Same behaviour applies to overvoltage.
The internal status transistor switches off during an overvoltage or undervoltage event on VREC.
A detailed description of the under and overvoltage behaviour is displayed in Figure 5-1 below.
Reference Voltage at
SET pin
VSET
1.16
1.225
1.29
V
P_5.1.15
Pull up current for
FREQ pin
IFREQ
5
mA
VFREQ=0V
P_5.1.16
Oscillator switch off
threshold
VFREQ,HIGH
–3.2
V
P_5.1.17
Oscillator switch on
threshold
VFREQ,LOW
–1.2
V
P_5.1.18
1) The minimum switching ON time tON must be greater than tdON + tdOFF
Table 5-1
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - TLD5045EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ Datasheet
362Kb / 16P
   1.8A DC/DC Step-Down Converter Infineon Power LED Driver
Rev. 1.0, June 2009
TLD5085EJ INFINEON-TLD5085EJ Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ Datasheet
528Kb / 19P
   1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
   1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
More results

Similar Description - TLD5045EJ

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com