Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD5085EJ Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLD5085EJ
Description  1.8A DC/DC Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5085EJ Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLD5085EJ Datasheet HTML 2Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 3Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 4Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 5Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 6Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 7Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 8Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 9Page - Infineon Technologies AG TLD5085EJ Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
6
Revision1.1
2015-03-10
Infineon® LITIX™ Power
TLD5085EJ
Confidential
Pin Configuration
6BUO
Buck Switch Output;
Source of the integrated power-switch. Connect directly
to the cathode of external freewheeling diode and the
buck circuit inductance.
7EN
Enable Input;
Apply logic high signal to enable the device. A pull down
resistor is integrated.
8VS
Supply Voltage Input;
Connect to supply voltage source.
9EP
Exposed Pad;
Connect to heatsink area and GND by low inductance
wiring.
Table 3-1
Pin Definition and Function
# Name
Direction Type
Function


Similar Part No. - TLD5085EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ Datasheet
362Kb / 16P
   1.8A DC/DC Step-Down Converter Infineon Power LED Driver
Rev. 1.0, June 2009
TLD5085EJ INFINEON-TLD5085EJ Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
More results

Similar Description - TLD5085EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
logo
Monolithic Power System...
MP9141 MPS-MP9141 Datasheet
346Kb / 10P
   1.8A Step-Down DC to DC Converter
logo
Linear Technology
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Infineon Technologies A...
TLE8366 INFINEON-TLE8366 Datasheet
1Mb / 19P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.0, 2009-05-18
IFX91041 INFINEON-IFX91041_11 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
TLD5085EJ INFINEON-TLD5085EJ Datasheet
362Kb / 16P
   1.8A DC/DC Step-Down Converter Infineon Power LED Driver
Rev. 1.0, June 2009
logo
Linear Technology
LTC3103 LINER-LTC3103_15 Datasheet
317Kb / 20P
   1.8A Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
   1.8A Step-Down Synchronous Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com