Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD5097EL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLD5097EL
Description  Multitopology LITIX Power DC/DC Controller IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5097EL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLD5097EL Datasheet HTML 5Page - Infineon Technologies AG TLD5097EL Datasheet HTML 6Page - Infineon Technologies AG TLD5097EL Datasheet HTML 7Page - Infineon Technologies AG TLD5097EL Datasheet HTML 8Page - Infineon Technologies AG TLD5097EL Datasheet HTML 9Page - Infineon Technologies AG TLD5097EL Datasheet HTML 10Page - Infineon Technologies AG TLD5097EL Datasheet HTML 11Page - Infineon Technologies AG TLD5097EL Datasheet HTML 12Page - Infineon Technologies AG TLD5097EL Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Data Sheet
9
Revision1.0
2015-03-12
Infineon® LITIX™ Power
TLD5097EL
General Product Characteristics
Note:
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Table 4-2
Functional Range
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Extended Supply
Voltage Range
VIN
4.5
451)
1) Not subject to production test, specified by design
V
VIVCC > VIVCC,RTH,d;
Parameter
deviations possible
P_4.2.1
Nominal Supply
Voltage Range
VIN
8
34
V
P_4.2.2
Feedback Voltage
Input
VFBH;
VFBL
3
60
V
P_4.2.3
Junction
Temperature
Tj
-40
150
°C
P_4.2.4


Similar Part No. - TLD5097EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5097EP INFINEON-TLD5097EP Datasheet
1Mb / 49P
   PG-TSDSO-14
Rev. 1.00 2019-12-16
More results

Similar Description - TLD5097EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL_15 Datasheet
947Kb / 35P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
TLD5098EL INFINEON-TLD5098EL_15 Datasheet
1,000Kb / 41P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.2 2015-03-12
TLD5098EP INFINEON-TLD5098EP Datasheet
1Mb / 42P
   TLD5098EP- Multitopology LITIX??Power DC/DC Controller IC
Rev. 1.00 2018-12-13
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
   LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
   Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
ILD1150 INFINEON-ILD1150 Datasheet
1Mb / 34P
   Multitopology High Power LED DC/DC Controller IC for Industrial Applications
Rev. 1.1, 2012-04-11
TLD5191ES INFINEON-TLD5191ES Datasheet
1Mb / 43P
   LITIX™ Power H-Bridge DC-DC controller
Rev.1.00 2022-02-18
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
   Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
logo
New Japan Radio
NJM2367 NJRC-NJM2367 Datasheet
117Kb / 7P
   5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com