Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72375 Datasheet(PDF) 2 Page - Texas Instruments

Part # SM72375
Description  SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72375 Datasheet(HTML) 2 Page - Texas Instruments

  SM72375_15 Datasheet HTML 1Page - Texas Instruments SM72375_15 Datasheet HTML 2Page - Texas Instruments SM72375_15 Datasheet HTML 3Page - Texas Instruments SM72375_15 Datasheet HTML 4Page - Texas Instruments SM72375_15 Datasheet HTML 5Page - Texas Instruments SM72375_15 Datasheet HTML 6Page - Texas Instruments SM72375_15 Datasheet HTML 7Page - Texas Instruments SM72375_15 Datasheet HTML 8Page - Texas Instruments SM72375_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SM72375
SNIS155D – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
1.5 kV
Differential Input Voltage
(V+)+0.3V to (V)
−0.3V
Voltage at Input/Output Pin
(V+)+0.3V to (V)
−0.3V
Supply Voltage (V+–V)
16V
Current at Input Pin(4)
±5 mA
Current at Output Pin(5)(6)
±30 mA
Current at Power Supply Pin, SM72375
40 mA
Lead Temperature (Soldering, 10 seconds)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature(7)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the electrical characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF. The output pins of the two comparators (pin 1 and pin 7) have an ESD tolerance of
1.5 kV. All other pins have an ESD tolerance of 2 kV.
(4)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(6)
Do not short circuit output to V+, when V+ is > 12V or reliability will be adversely affected.
(7)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) – TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2.7
≤ VS ≤ 15V
Temperature Range
– 40°C
≤ TA ≤ +125°C
Thermal Resistance (
θJA)
8-Pin VSSOP
172°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the electrical characteristics.
2.7V Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.7V, V= 0V, V
CM = V
+/2. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
3
10
mV
13
TCVOS
Input Offset Voltage Temperature
2.0
Drift
μV/Month
Input Offset Voltage Average Drift
See(3)
3.3
IB
Input Current
0.02
pA
IOS
Input Offset Current
0.01
pA
CMRR
Common Mode Rejection Ratio
75
dB
PSRR
Power Supply Rejection Ratio
±1.35V < VS < ±7.5V
80
dB
AV
Voltage Gain
(By Design)
100
dB
VCM
Input Common-Mode Voltage
CMRR > 55 dB
2.9
3.0
Range
2.7
V
−0.3
−0.2
0.0
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Input offset voltage Average Drift is calculated by dividing the accelerated operating life drift average by the equivalent operational time.
The input offset voltage average drift represents the input offset voltage change at worst-case input conditions.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: SM72375


Similar Part No. - SM72375_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - SM72375_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com