Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2301INE Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INE
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2301INE Datasheet HTML 4Page - Texas Instruments TLE2301INE Datasheet HTML 5Page - Texas Instruments TLE2301INE Datasheet HTML 6Page - Texas Instruments TLE2301INE Datasheet HTML 7Page - Texas Instruments TLE2301INE Datasheet HTML 8Page - Texas Instruments TLE2301INE Datasheet HTML 9Page - Texas Instruments TLE2301INE Datasheet HTML 10Page - Texas Instruments TLE2301INE Datasheet HTML 11Page - Texas Instruments TLE2301INE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
_
+
VCC +
VCC –
CL
RL
VO
VI
(see Note A)
Figure 2. Slew-Rate Test Circuit
NOTE A: CL includes the fixture capacitance.
Figure 3. Noise-Voltage Test Circuit
_
+
VCC +
VCC –
VO
50
50
5 k
_
+
VCC +
VCC –
CL
RL
VO
VI
(see Note A)
10 k
NOTE A: CL includes the fixture capacitance.
Figure 4. Gain-Bandwidth and
Phase-Margin Test Circuit
_
+
VCC +
VCC –
VO
R2
R1
R3
COMP1
COMP1
Cc
15 pF
VI–
VI+
Figure 5. Compensation Configuration
typical values
Typical values presented in this data sheet represent the median (50% point) of the device parametric
performance.


Similar Part No. - TLE2301INE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2301INE TI-TLE2301INE Datasheet
324Kb / 22P
[Old version datasheet]   EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
More results

Similar Description - TLE2301INE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2301 TI-TLE2301 Datasheet
324Kb / 22P
[Old version datasheet]   EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA646 BURR-BROWN-OPA646 Datasheet
165Kb / 13P
   Low Power, Wide Bandwidth OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
TLC072-Q1 TI1-TLC072-Q1 Datasheet
412Kb / 21P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TLC072-Q1 TI-TLC072-Q1_15 Datasheet
907Kb / 24P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com