Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1627 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1627
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1627 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1627_15 Datasheet HTML 1Page - Unisonic Technologies 2SA1627_15 Datasheet HTML 2Page - Unisonic Technologies 2SA1627_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SA1627
PNPEPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R204-010,B
PNP EPITAXIAL SILICON
TRANSISTOR
DESCRIPTION
The UTC 2SA1627 is designed for general purpose
amplifier and high speed switching applications.
FEATURES
*High voltage
*Low collector saturation voltage.
*High-speed switching
TO-126
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-600
V
Collector-Emitter Voltage
VCEO
-600
V
Emitter-Base Voltage
VEBO
-7.0
V
Collector Power Dissipation
PC
1.0
W
Collector Current(DC)
Ic
-1.0
A
Collector Current(PULSE)
Icp *1
-2.0
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 to +150
°C
*1 : PW≦10ms,Duty Cycle≦50%
ELECTRICAL CHARACTERISTICS(Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VCB= -600V,IE=0
-10
µA
Emitter Cut-Off Current
IEBO
VEB= -7.0V,Ic=0
-10
µA
DC Current Gain
hFE1*2
VCE= -5.0V,Ic= -0.1A
30
58
120
DC Current Gain
hFE2*2
VCE= -5.0V,Ic= -0.5A
5
19
Collector-Emitter Saturation Voltage
VCE(sat)*2 Ic= -0.3A,IB= -0.06A
-0.28
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)*2
Ic= -0.3A,IB= -0.06A
-0.85
-1.2
V
Gain Bandwidth Product
fT
VCE= -10V, IE=0.1A
10
28
MHz


Similar Part No. - 2SA1627_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1627A UTC-2SA1627A Datasheet
99Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
2SA1627A UTC-2SA1627A Datasheet
173Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
2SA1627AG-X-AA3-R UTC-2SA1627AG-X-AA3-R Datasheet
239Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
2SA1627AG-X-T60-K UTC-2SA1627AG-X-T60-K Datasheet
173Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
2SA1627AG-X-T60-K UTC-2SA1627AG-X-T60-K Datasheet
239Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SA1627_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com