Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM78L02UA Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM78L02UA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L02UA Datasheet(HTML) 5 Page - New Japan Radio

  NJM78L02UA Datasheet HTML 1Page - New Japan Radio NJM78L02UA Datasheet HTML 2Page - New Japan Radio NJM78L02UA Datasheet HTML 3Page - New Japan Radio NJM78L02UA Datasheet HTML 4Page - New Japan Radio NJM78L02UA Datasheet HTML 5Page - New Japan Radio NJM78L02UA Datasheet HTML 6Page - New Japan Radio NJM78L02UA Datasheet HTML 7Page - New Japan Radio NJM78L02UA Datasheet HTML 8Page - New Japan Radio NJM78L02UA Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM78L00
- 5/5 -
78L00EAe_1
s
ELECTRICAL CHARACTERISTICS(CIN=0.33µF,Co=0.1µF,Tj=25°C)
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. MAX. UNIT
NJM78L18A
Output Voltage
Vo
V
IN=27V, Io=40mA
17.1
18.0
18.9
V
Line Regulation1
Vo
−VIN1
V
IN=22V ∼ 33V, Io=40mA
−−
320
mV
Line Regulation2
Vo
−VIN2VIN=23V ∼ 33V, Io=40mA
−−
270
mV
Load Regulation1
Vo
−Io1
V
IN=27V, Io=1 ∼ 40mA
−−
80
mV
Load Regulation2
Vo
−Io2
V
IN=27V, Io=1 ∼ 100mA
−−
160
mV
Quiescent Current
I
Q
V
IN=27V, Io=0mA
2.2
6.5
mA
Average Temperature
Coefficient of Output Voltage
Vo/TVIN=27V, Io=1mA
1.1
mV/
°C
Ripple Rejection
RR
23V
< VIN < 33V, Io=40mA
ein=1Vp-p, f=120Hz
33
59
dB
Output Noise Voltage
V
NO
V
IN=27V,BW=10Hz ∼ 100kHz
Io=40mA
230
−µV
NJM78L20A
Output Voltage
Vo
V
IN=29V, Io=40mA
19.0
20.0
21.0
V
Line Regulation1
Vo
−VIN1
V
IN=23V ∼ 34V, Io=40mA
−−
330
mV
Line Regulation2
Vo
−VIN2
V
IN=24V ∼ 34V, Io=40mA
−−
280
mV
Load Regulation1
Vo
−Io1
V
IN=29V, Io=1 ∼ 40mA
−−
90
mV
Load Regulation2
Vo
−Io2
V
IN=29V, Io=1 ∼ 100mA
−−
180
mV
Quiescent Current
I
Q
V
IN=29V, Io=0mA
2.3
7
mA
Average Temperature
Coefficient of Output Voltage
Vo/TVIN=29V, Io=1mA
1.2
mV/
°C
Ripple Rejection
RR
24V
< VIN < 34V, Io=40mA
ein=1Vp-p, f=120Hz
32
58
dB
Output Noise Voltage
V
NO
V
IN=29V,BW=10Hz ∼ 100kHz
Io=40mA
250
−µV
NJM78L24A
Output Voltage
Vo
V
IN=33V, Io=40mA
22.8
24
25.2
V
Line Regulation1
Vo
−VIN1
V
IN=27V ∼ 38V, Io=40mA
−−
350
mV
Line Regulation2
Vo
−VIN2
V
IN=28V ∼ 38V, Io=40mA
−−
300
mV
Load Regulation1
Vo
−Io1
V
IN=33V, Io=1 ∼ 40mA
−−
100
mV
Load Regulation2
Vo
−Io2
V
IN=33V, Io=1 ∼ 100mA
−−
200
mV
Quiescent Current
I
Q
V
IN=33V, Io=0mA
2.3
7
mA
Average Temperature
Coefficient of Output Voltage
Vo/T
V
IN=33V, Io=1mA
1.4
mV/
°C
Ripple Rejection
RR
27.5V
< VIN < 37.5V, Io=40mA
ein=1Vp-p, f=120Hz
32
57
dB
Output Noise Voltage
V
NO
V
IN=33V,BW=10Hz ∼ 100kHz
Io=40mA
280
−µV
s
SOT-89 MARK
(2)
(3)
(4)
(1)
(1) 8 : Positive Output
NJM78L02A
8
A
(2) Vo Rank
NJM78L03A
8
B
(3) The end of A.D.
NJM78L05A
8
C
(4) Production Mouth
NJM78L06A
8
E
Oct. ∙∙∙ X
NJM78L62A
8
Z
Nov. ∙∙∙ Y
NJM78L07A
8
F
Dec. ∙∙∙ Z
NJM78L08A
8
G
NJM78L09A
8
H
NJM78L10A
8
J
NJM78L12A
8
K
NJM78L15A
8
L
NJM78L18A
8
M
NJM78L20A
8
N
NJM78L24A
8
P
(*1):SOT-89 package only.
(*2):TO-92 package only.
(*3):SOT-89,TO-92, EMP8


Similar Part No. - NJM78L02UA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78L02A NJRC-NJM78L02A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L02A NJRC-NJM78L02A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L02A NJRC-NJM78L02A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM78L02A ETC2-NJM78L02A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L02A ETC2-NJM78L02A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78L02UA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com