Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5027EL-X-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5027EL-X-TA3-T
Description  HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5027EL-X-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5027EL-X-TA3-T Datasheet HTML 1Page - Unisonic Technologies 2SC5027EL-X-TA3-T Datasheet HTML 2Page - Unisonic Technologies 2SC5027EL-X-TA3-T Datasheet HTML 3Page - Unisonic Technologies 2SC5027EL-X-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5027E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-030.D
ABSOLUATE MAXIUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
750
V
Collector-Emitter Voltage
VCEO
700
V
Collector-Emitter Voltage
VEBO
7
V
Peak Collector Current
IC
3
A
Collector Current (Pulse)
ICP
10
A
Base Current
IB
1.5
A
TO-220/TO-220F
50
Power Dissipation
TO-220F/TO-220F1
TO-220F2
PD
40
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
750
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, IB=0
700
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
V
Collector-Emitter sustaining Voltage
VCEO(SUS)
IC=1.5A, IB1= -IB2=0.3A
L=2mH, Clamped
700
V
Collector Cut-off Current
ICBO
VCB=750V, IE=0
10
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
10
μA
hFE1
VCE=5V, IC=0.2A
10
40
DC Current Gain
hFE 2
VCE=5V, IC=1A
8
Collector-Emitter Saturation Voltage
VCE (SAT)
IC=1.5A, IB=0.3A
2
V
Base-Emitter Saturation Voltage
VBE (SAT)
IC=1.5A, IB=0.3A
1.5
V
Output Capacitance
COB
VCB=10V, f=1MHz, IE=0
60
pF
Current Gain Bandwidth Product
fT
VCE=10V, IC=0.2A
15
MHz
Turn ON Time
tON
0.5
μs
Storage Time
tS
3
μs
Fall Time
tF
VCC=400V
IC=5IB1= -2.5IB2=2A
RL=200Ω
0.3
μs
CLASSIFICATION of hFE1
CLASSIFICATION
N
R
O
RANGE
10 ~ 20
15 ~ 30
20 ~ 40


Similar Part No. - 2SC5027EL-X-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5027EL-X-TA3-T UTC-2SC5027EL-X-TA3-T Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027EL-X-TA3-T UTC-2SC5027EL-X-TA3-T Datasheet
190Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
More results

Similar Description - 2SC5027EL-X-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5027E UTC-2SC5027E_11 Datasheet
190Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027E UTC-2SC5027E Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
N5027 UTC-N5027 Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_07 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_15 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com