Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5353L-TF1-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5353L-TF1-T
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5353L-TF1-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5353L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 2SC5353L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 2SC5353L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 2SC5353L-TF1-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5353
NPN SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
900
V
Collector-Emitter Voltage
VCEO
700
V
Emitter-Base Voltage
VEBO
7
V
DC
IC
3
Collector Current
Pulse
ICP
5
A
Base Current
IB
1
A
TO-220F/ TO-220F1
TO-126/TO-126C
20
Collector Power Dissipation
TO-220
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Tc=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO IC=1 mA, IE = 0
900
V
Collector-Emitter Breakdown Voltage
BVCEO IC=10 mA, IB = 0
700
V
Collector Cut-off Current
ICBO
VCB=720V, IE= 0
100
µA
Emitter Cut-off Current
IEBO
VEB=7V, IC= 0
10
µA
hFE1
VCE=5 V, IC=1 mA
10
DC Current Gain
hFE2
VCE=5 V, IC=0.15 A
15
Collector-Emitter Saturation Voltage
VCE(SAT) IC=1.2 A, IB=0.24 A
1.0
V
Base-Emitter Saturation Voltage
VBE(SAT) IC=1.2 A, IB=0.24 A
1.3
V
Rise Time
tR
0.7
Storage Time
tSTG
4.0
Switching Time
Fall Time
tF
0.5
µS
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-031,F


Similar Part No. - 2SC5353L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5353L-TF3-T UTC-2SC5353L-TF3-T Datasheet
109Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR
2SC5353L-TF3-T UTC-2SC5353L-TF3-T Datasheet
266Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR
2SC5353L-TF3-T UTC-2SC5353L-TF3-T Datasheet
266Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR
More results

Similar Description - 2SC5353L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com