Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5303D Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5303D
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5303D Datasheet(HTML) 2 Page - Unisonic Technologies

  5303D_15 Datasheet HTML 1Page - Unisonic Technologies 5303D_15 Datasheet HTML 2Page - Unisonic Technologies 5303D_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5303D
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R223-004.a
ABSOLUTE MAXIMUM RATING (Ta = 25°С,unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
2
A
Collector Peak Current (tp<5ms)
ICM
4
A
Base Current
IB
1
A
Base Peak Current (tp<5ms)
IBM
2
A
Collector Dissipation (TC≤25°С)
PC
25
W
Maximum Operating Junction Temperature
TJ
+150
°С
Storage Temperature Range
TSTG
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
°С/W
Junction to Case
θJC
6.25
°С/W
ELECTRICAL CHARACTERISTICS (Ta = 25°С,unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Base Voltage
BVCBO IC = 1mA, IB = 0
700
V
Collector-Emitter Breakdown Voltage (Note)
BVCEO IC = 10mA, IE = 0
400
V
Emitter-Base Breakdown Voltage
BVEBO IE = 1mA, IC = 0
10
V
Collector Cutoff Current
ICBO
VCB = 700V, IE = 0
1
µA
Emitter Cutoff Current
IEBO
VEB = 9V, IC = 0
1
µA
ON CHARACTERISTICS
hFE1
VCE =5V, IC =10mA
10
hFE2
VCE =5V, IC =400mA
10
30
DC Current Gain
hFE3
VCE =5V, IC =1A
5
VCE(SAT1) IC =0.5A, IB =0.1A
0.5
V
Collector-Emitter Saturation Voltage (Note)
VCE(SAT2) IC =1A, IB =0.25A
1.1
1.5
V
VBE(SAT) IC =0.5A, IB =0.1A
1.1
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT2) IC =1A, IB =0.25A
1.2
V
SWITCHING CHARACTERISTICS
Turn On Time
tON
0.15
0.3
µS
Storage Time
tSTG
0.5
0.9
µS
Fall Time
tF
VCC =250V, IC =1A,
IB1=IB2 =0.2A, tp =25uS Duty
Cycle<1%
0.2
0.4
µS
Diode
Forward Voltage Drop
VF
IC =1A
1.4
V
Fall Time
tF
IC =1A
800
µS
Note: Pulsed duration = 300µS, duty cycle ≤2%


Similar Part No. - 5303D_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5303D-TM3-T UTC-5303D-TM3-T Datasheet
126Kb / 3P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
5303DG-TM3-T UTC-5303DG-TM3-T Datasheet
126Kb / 3P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
5303DL-TM3-T UTC-5303DL-TM3-T Datasheet
126Kb / 3P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
More results

Similar Description - 5303D_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com