Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8450 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8450
Description  Burn-in available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8450 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8450 Datasheet HTML 1Page - Holt Integrated Circuits HI-8450 Datasheet HTML 2Page - Holt Integrated Circuits HI-8450 Datasheet HTML 3Page - Holt Integrated Circuits HI-8450 Datasheet HTML 4Page - Holt Integrated Circuits HI-8450 Datasheet HTML 5Page - Holt Integrated Circuits HI-8450 Datasheet HTML 6Page - Holt Integrated Circuits HI-8450 Datasheet HTML 7Page - Holt Integrated Circuits HI-8450 Datasheet HTML 8Page - Holt Integrated Circuits HI-8450 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
4
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V
DD)
-0.3V to +7V
Logic input voltage range
-0.3V to +5.5V
ARINC input voltage
-120V to + 120V
Power dissipation at 25
oC
350mW
SolderTemperature(reflow)
260
oC
Storage Temperature
-65
oC to +150oC
ESD-HBM (JS-001-2012)
Logic and supply pins
2,000V
ARINC 429 bus input pins
1,000V
RTCA/DO-160G, Section 22 pin injection
Waveform
Voc/Isc
3
1,000V/40A
4
500V/100A
5A
500V/500A
5B
500V/500A
RECOMMENDED OPERATING
CONDITIONS
Supply Voltages
V
DD
................................... 3.0V to +5.5V
Temperature Range
Industrial Screening .............. -40
oC to +85oC
Hi-Temp Screening .............. -55
oC to +125oC
NOTE: Stresses above absolute maximum ratings or outside
recommended operating conditions may cause permanent damage to
the device. These are stress ratings only. Operation at the limits is not
recommended.
ELECTRICAL CHARACTERISTICS
Table 3. DC Electrical Characteristics
V
DD = +5.0V ± 10% or +3.3V ± 10%, GND = 0V, TA = Operating Temperature Range (unless otherwise stated)
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
ARINC INPUTS
Input Voltage
ONE or ZERO
V
DIN
Differential Input voltage
6.5
10
13
V
NULL
V
NIN
Differential Input voltage
2.5
V
Common mode
V
COM
With respect to GND
±5.0
V
Input Resistance
INA to INB
R
DIFF
Suppliesfloating
30
Input to GND or V
DD
R
SUP
Suppliesfloating
15
Input Hysteresis
V
HYS
0.5
1.0
V
Input Capacitance
ARINC differential
C
AD
5
10
pF
ARINC single ended
to GND
C
AS
10
pF


Similar Part No. - HI-8450

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450_16 Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
More results

Similar Description - HI-8450

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-5032-04-04 ABRACON-AXS-5032-04-04 Datasheet
404Kb / 1P
   Suitable for high temperature burn-in test
07.13.09
logo
Vishay Siliconix
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
AVX Corporation
NOJA106M010RWJ AVX-NOJA106M010RWJ Datasheet
124Kb / 5P
   Non-burn safe technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com