Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU941G-TQ2-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BU941G-TQ2-T
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU941G-TQ2-T Datasheet(HTML) 4 Page - Unisonic Technologies

  BU941G-TQ2-T Datasheet HTML 1Page - Unisonic Technologies BU941G-TQ2-T Datasheet HTML 2Page - Unisonic Technologies BU941G-TQ2-T Datasheet HTML 3Page - Unisonic Technologies BU941G-TQ2-T Datasheet HTML 4Page - Unisonic Technologies BU941G-TQ2-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BU941
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R203-025.D
TYPICAL CHARACTERISTICS
103
102
4
2
8
6
4
2
8
6
4
2
101
10-1
8
6
4
2
8
6
2
Collector Current, IC(A)
DC Current Gain
VCE=2V
125℃
-40℃
Tc=25℃
4
8
6
1
103
102
4
2
8
6
4
2
8
6
4
2
101
10-1
8
6
4
2
8
6
2
Collector Current, IC (A)
DC Current Gain
VCE=10V
125℃
-40℃
Tc=25℃
4
1
6
8
2.5
1.5
3.5
0
100
50
150
Base Current, IB (mA)
0.5
200
4.0
10A
8 6 4
1
2
1.2
1
0.8
0.6
0.4
0.2
1
8
6
4
2
10
Collctor-Emitter Saturation Voltage
0
hFE=100
-40℃
125℃
Tc=25℃
Collector Current, Ic (mA)
1.4
12
Collector-Emitter Saturation Voltage
2.2
2
1.8
1.6
1.4
1.2
1
8
6
4
2
10
Collector Current, IC(A)
0
-40℃
125℃
Tc=25℃
2.4
12
10
1
10-1
18
6
4
2
Collector Current, IC(A)
Switching Time
10
Vclamp=300V, VCC=12V,
hFE=100, RBE=47Ω,
L=7mH, Tc=25℃
12
ts
tf
Base-Emitter Saturation Voltage
hFE=100


Similar Part No. - BU941G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
Inchange Semiconductor ...
BU941 ISC-BU941 Datasheet
111Kb / 3P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU941 SAVANTIC-BU941 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU941 JMNIC-BU941 Datasheet
70Kb / 3P
   Silicon NPN Power Transistor
More results

Similar Description - BU941G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU931 STMICROELECTRONICS-BU931 Datasheet
73Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
BU941ZT STMICROELECTRONICS-BU941ZT Datasheet
83Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
BU941Z STMICROELECTRONICS-BU941Z Datasheet
84Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
January 2000
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941 UTC-BU941_07 Datasheet
164Kb / 5P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941Z UTC-BU941Z_15 Datasheet
218Kb / 5P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
STMicroelectronics
ST931ZT STMICROELECTRONICS-ST931ZT Datasheet
45Kb / 4P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
Unisonic Technologies
BU941Z UTC-BU941Z Datasheet
202Kb / 5P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
New Jersey Semi-Conduct...
BU491 NJSEMI-BU491 Datasheet
92Kb / 2P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
ST901T STMICROELECTRONICS-ST901T Datasheet
61Kb / 4P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com