Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13001G-X-T92-A-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13001G-X-T92-A-K
Description  NPN SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13001G-X-T92-A-K Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13001G-X-T92-A-K Datasheet HTML 1Page - Unisonic Technologies MJE13001G-X-T92-A-K Datasheet HTML 2Page - Unisonic Technologies MJE13001G-X-T92-A-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MJE13001
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-055.I
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO
400
V
Collector-Base Voltage
VCBO
600
V
Emitter Base Voltage
VEBO
7
V
Collector Current
IC
200
mA
Collector Power Dissipation
SOT-89
PC
550
mW
TO-92
750
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100μA, IE=0
600
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
400
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA, IC=0
7
V
Base-Emitter Voltage
VBE
IE=100 mA
1.1
V
Collector Cutoff Cut-Off Current
ICBO
VCB=600V, IE=0A
100
μA
Collector Emitter Cut-Off Current
ICEO
VCE=400V, IB=0
200
μA
Emitter Cutoff Cut-Off Current
IEBO
VEB=7V, IC=0A
100
μA
ON CHARACTERISTICS
DC Current Gain
hFE1*
VCE=20 V, IC=20mA
10
70
hFE2
VCE=10V, IC=0.25mA
5
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=50mA, IB=10mA
0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=50mA, IB=10mA
1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
IC=20mA,VCE=20V,f=1MHz
8
MHz
Resistive Load
Storage Time
tS
IC=50mA, IB1=-IB2=5mA,
VCC=45V
1.5
μs
Fall Time
tF
0.3
μs
CLASSIFICATION OF hFE1*
RANK
A
B
C
D
E
F
G
H
I
J
K
L
RANGE 10-15
15-20
20-25
25-30
30-35
35-40
40-45
45-50
50-55
55-60
60-65
65-70


Similar Part No. - MJE13001G-X-T92-A-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13001G-X-X-AB3-A-R UTC-MJE13001G-X-X-AB3-A-R Datasheet
219Kb / 3P
   NPN SILICON POWER TRANSISTOR
MJE13001G-X-X-AB3-F-R UTC-MJE13001G-X-X-AB3-F-R Datasheet
219Kb / 3P
   NPN SILICON POWER TRANSISTOR
MJE13001G-X-X-T92-B UTC-MJE13001G-X-X-T92-B Datasheet
219Kb / 3P
   NPN SILICON POWER TRANSISTOR
MJE13001G-X-X-T92-K UTC-MJE13001G-X-X-T92-K Datasheet
219Kb / 3P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13001G-X-T92-A-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com