Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13005G-X-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13005G-X-TA3-T
Description  NPN SILICON POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005G-X-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13005G-X-TA3-T Datasheet HTML 1Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 2Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 3Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 4Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 5Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 6Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 7Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 8Page - Unisonic Technologies MJE13005G-X-TA3-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJE13005
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R203-018. O
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
400
V
Collector-Emitter Voltage (VBE=0)
VCES
700
V
Collector-Base Voltage
VCBO
700
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
4
A
Peak (1)
ICM
8
A
Base Current
Continuous
IB
2
A
Peak (1)
IBM
4
A
Emitter Current
Continuous
IE
6
A
Peak (1)
IEM
12
A
Power Dissipation at TA=25°С
TO-126/TO-126S
TO-220F
PD
40
W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
50
TO-220/TO-263
TO-262
75
Derate above 25°С
TO-126/TO-126S
TO-220F
320
mW/°С
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
400
TO-220/TO-263
TO-262
600
Operating and Storage Junction Temperature
TJ , TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-126/TO-126S
θJA
89
°С/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
110
TO-220/TO-263
TO-262/TO-220F
62.5
Junction to Case
TO-126/TO-126S
TO-220F
θJC
3.125
°С/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
2.5
TO-220/TO-263
TO-262
1.67


Similar Part No. - MJE13005G-X-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005G-X-TA3-T UTC-MJE13005G-X-TA3-T Datasheet
381Kb / 9P
   NPN SILICON POWER TRANSISTORS
MJE13005G-X-TA3-T UTC-MJE13005G-X-TA3-T Datasheet
307Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13005G-X-TA3-T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com