Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003G-X-T6C-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13003G-X-T6C-K
Description  NPN SILICON POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003G-X-T6C-K Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13003G-X-T6C-K Datasheet HTML 1Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 2Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 3Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 4Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 5Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 6Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 7Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 8Page - Unisonic Technologies MJE13003G-X-T6C-K Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13003
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R204-004.T
NPN SILICON POWER
TRANSISTOR
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical. They
are particularly suited for 115 and 220V applications in switch
mode.
FEATURES
* Reverse biased SOA with inductive load @ TC=100°C
* Inductive switching matrix 0.5 ~ 1.5 Amp, 25 and 100°C
Typical tC = 290ns @ 1A, 100°C.
* 700V blocking capability
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/relay drivers
* Deflection circuits


Similar Part No. - MJE13003G-X-T6C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003G-A-T6S-K UTC-MJE13003G-A-T6S-K Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-A-TA3-T UTC-MJE13003G-A-TA3-T Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-B-T92-B UTC-MJE13003G-B-T92-B Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-B-TM3-T UTC-MJE13003G-B-TM3-T Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-C-T92-K UTC-MJE13003G-C-T92-K Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003G-X-T6C-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com