Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU931G-T3P-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BU931G-T3P-T
Description  NPN POWER DARLINGTON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU931G-T3P-T Datasheet(HTML) 3 Page - Unisonic Technologies

  BU931G-T3P-T Datasheet HTML 1Page - Unisonic Technologies BU931G-T3P-T Datasheet HTML 2Page - Unisonic Technologies BU931G-T3P-T Datasheet HTML 3Page - Unisonic Technologies BU931G-T3P-T Datasheet HTML 4Page - Unisonic Technologies BU931G-T3P-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BU931
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R214-012,E
TEST CIRCUITS
Driver and
current limiting
circuit
0.2Ω
100Ω
24V
VZ
T.U.T
0.22µF
L=7mH
47Ω
VIN
T.U.T
Vclamp
12V
VD
7mH
Functional Test Circuit
Switching Time Test Circuit


Similar Part No. - BU931G-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU931G-T3P-T UTC-BU931G-T3P-T Datasheet
121Kb / 5P
   NPN POWER DARLINGTON
More results

Similar Description - BU931G-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU931 UTC-BU931 Datasheet
109Kb / 5P
   NPN POWER DARLINGTON
logo
Microsemi Corporation
2N6300 MICROSEMI-2N6300_1 Datasheet
133Kb / 3P
   NPN DARLINGTON POWER
logo
Unisonic Technologies
BU931Z UTC-BU931Z_15 Datasheet
119Kb / 3P
   NPN POWER DARLINGTON
logo
STMicroelectronics
BU921ZP STMICROELECTRONICS-BU921ZP Datasheet
98Kb / 2P
   NPN POWER DARLINGTON
logo
Unisonic Technologies
BU931 UTC-BU931_13 Datasheet
121Kb / 5P
   NPN POWER DARLINGTON
BU931 UTC-BU931_09 Datasheet
135Kb / 5P
   NPN POWER DARLINGTON
logo
New Jersey Semi-Conduct...
2N6351 NJSEMI-2N6351 Datasheet
224Kb / 1P
   NPN POWER DARLINGTON
logo
Unisonic Technologies
BU931Z UTC-BU931Z_10 Datasheet
103Kb / 2P
   NPN POWER DARLINGTON
BU931Z UTC-BU931Z Datasheet
79Kb / 2P
   NPN POWER DARLINGTON
logo
ON Semiconductor
BU806 ONSEMI-BU806 Datasheet
48Kb / 4P
   NPN Darlington Power Transistor
March, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com