Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD14P06-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJD14P06-AU
Description  60V P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD14P06-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJD14P06-AU Datasheet HTML 1Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 2Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 3Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 4Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 5Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 6Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 7Page - Pan Jit International Inc. PJD14P06-AU Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PPJD14P06-AU
August 3,2015-REV.00
Page 1
60V P-Channel Enhancement Mode MOSFET
Voltage
-60 V
Current
-14 A
TO-252
Features
RDS(ON), VGS@-10V,ID@-7A<115mΩ
RDS(ON), VGS@-4.5V,ID@-3.5A<160mΩ
High switching speed
Improved dv/dt capability
Low Gate Charge
Low reverse transfer capacitance
Acqire quality system certificate : TS16949
AEC-Q101 qualified
Lead free in compliance with EU RoHS 2011/65/EU directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: TO-252 Package
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight : 0.0104 ounces, 0.297grams
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
+20
V
Continuous Drain Current
(Note 1)
ID
-14
A
Pulsed Drain Current
IDM
-32
A
Single Pulse Avalanche Energy
(Note 2)
EAS
42
mJ
Power Dissipation
TC=25
oC
PD
45
W
Derate above 25
oC
0.3
W/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~175
oC
Typical Thermal resistance
-
Junction to Case
-
Junction to Ambient
(Note 1)
RθJC
RθJA
3.33
62.5
oC/W
Limited only By Maximum Junction Temperature


Similar Part No. - PJD14P06-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD14P06 PANJIT-PJD14P06 Datasheet
455Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06A PANJIT-PJD14P06A Datasheet
461Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06A-AU PANJIT-PJD14P06A-AU Datasheet
547Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
May 24,2019-REV.00
PJD14P06A-AU_L2_000A1 PANJIT-PJD14P06A-AU_L2_000A1 Datasheet
547Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
May 24,2019-REV.00
More results

Similar Description - PJD14P06-AU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com