Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD14P10A Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJD14P10A
Description  100V P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD14P10A Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJD14P10A Datasheet HTML 1Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 2Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 3Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 4Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 5Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 6Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 7Page - Pan Jit International Inc. PJD14P10A Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PPJD14P10A
July 21,2015-REV.00
Page 5
TYPICAL CHARACTERISTIC CURVES
Fig.12 Normalized Thermal Transient Impedance


Similar Part No. - PJD14P10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD14P06 PANJIT-PJD14P06 Datasheet
455Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06-AU PANJIT-PJD14P06-AU Datasheet
413Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06A PANJIT-PJD14P06A Datasheet
461Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD14P06A-AU PANJIT-PJD14P06A-AU Datasheet
547Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
May 24,2019-REV.00
PJD14P06A-AU_L2_000A1 PANJIT-PJD14P06A-AU_L2_000A1 Datasheet
547Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
May 24,2019-REV.00
More results

Similar Description - PJD14P10A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
   100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
   100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com